Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH3322 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH3322
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3322 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH3322 Datasheet HTML 1Page - Sanyo Semicon Device CPH3322 Datasheet HTML 2Page - Sanyo Semicon Device CPH3322 Datasheet HTML 3Page - Sanyo Semicon Device CPH3322 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CPH3322
No.7748-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Total Gate Charge
Qg
VDS= --30V, VGS= --10V, ID= --0.6A
2.6
nC
Gate-to-Source Charge
Qgs
VDS= --30V, VGS= --10V, ID= --0.6A
0.4
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS= --30V, VGS= --10V, ID= --0.6A
0.4
nC
Diode Forward Voltage
VSD
IS= --0.6A, VGS=0
--0.88
--1.2
V
Marking : JX
Package Dimensions
Switching Time Test Circuit
unit : mm
2152A
--1.0
--0.8
--0.6
--0.4
--0.2
0
--0.50
--0.25
--0.75
--1.00
--1.25
--1.50
--1.75
--2.00
--0.6
--0.5
0
ID -- VDS
0
--0.4
--0.3
--0.2
--0.1
ID -- VGS
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--4.0
--3.5
VDS= --10V
IT03941
IT03942
--3.0V
VGS= --2.5V
--2
--4
--6
--8
0
--10
--12
--14
--16
--18
--20
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
RDS(on) -- VGS
IT07108
Ta=25
°C
ID= --0.3A
--40
--20
0
20
--60
40
60
80
100
120
140
160
RDS(on) -- Ta
IT07109
I D
= --0.3A,
V GS
= --4V
I D
= --0.3A,
V GS
= --10V
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
1 : Gate
2 : Source
3 : Drain
SANYO : CPH3
0.05
1.9
1
2
3
2.9
0.15
0.4
PW=10
µs
D.C.
≤1%
P.G
50
G
S
D
ID= --300mA
RL=100Ω
VDD= --30V
VOUT
CPH3322
VIN
0V
--10V
VIN


Similar Part No. - CPH3322

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3323 SANYO-CPH3323 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3324 SANYO-CPH3324 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
CPH3325 SANYO-CPH3325 Datasheet
39Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3326 SANYO-CPH3326 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3327 SANYO-CPH3327 Datasheet
35Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - CPH3322

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com