Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXM140415 Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # AXM140415
Description  CT-2 CONNECTOR TERMINAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AXM140415 Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  AXM140415 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AXM140415 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AXM140415 Datasheet HTML 3Page - Nais(Matsushita Electric Works) AXM140415 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CT-2
CONNECTOR
TERMINAL
COMPACT CONNECTOR
TERMINAL FOR
REDUCED WIRING
Pressure connector
connect type
Wire-direct connect type
FEATURES
• One-touch wiring with the various
controller types greatly reduces the
time required for wiring operations.
• Compact space-saving design
Design and dimensions match those for
the RT-2 relay terminal.
• Wide variation of pole: 20, 30, 34 and
40 poles
• Available in pressure connector con-
nect type and wire-direct connect
type
The direct connect type is a compact 62
× 52 mm 2.441× 2.047 inch (20P type).
• Exclusive cables can be provided
• Integrated AXM connector (comply-
ing to MIL Standard, Long lever type)
TYPICAL APPLICATIONS
I/O interface for PLCs, personal comput-
ers and various types of controllers.
ORDERING INFORMATION
Ex. CT2
M
Installation type
Blank:
M:
C20
DIN rail mounting
type
Direct mounting
type
Termination type
Blank:
C:
Pressure connector
connect type
Wire-direct
connect type
No. of poles
20: 20 poles
30: 30 poles
34: 34 poles
40: 40 poles
TYPES
1. DIN rail mounting type
2. Direct mounting type
Connection
method
No. of poles Part No.
Packing quantity
Inner carton Outer carton
Pressure
connector
connect type
20
CT2-20
1 pc.
20 pcs.
30
CT2-30
34
CT2-34
40
CT2-40
Wire-direct
connect type
20
CT2-C-20
30
CT2-C-30
34
CT2-C-34
40
CT2-C-40
Connection
method
No. of poles Part No.
Packing quantity
Inner carton Outer carton
Pressure
connector
connect type
20
CT2-M-20
1 pc.
20 pcs.
30
CT2-M-30
34
CT2-M-34
40
CT2-M-40
Wire-direct
connect type
20
CT2-MC-20
30
CT2-MC-30
34
CT2-MC-34
40
CT2-MC-40
SPECIFICATIONS
Rated voltage
125 V AC
Rated current
1 A
Breakdown voltage
250 Vrms for in min.
Insulation resistance
100 M
Ω (at 500 V DC megger)
Fasten torque
Pressure connector connect type:
0.3 to 0.5 N·m {3 to 5 kgf·cm}
Wire-direct connect type
0.2 to 0.4 N·m {2 to 4 kgf·cm}
Ambient temperature
0
°C to +55°C +32°F to +131°F
CONNECTOR
• Applicable connector (socket)
• Applicable flat cable
Standard wire: standard pitch (1.27 mm 0.050 inch)/
conductor #28 (7 wire/0.127 dia.)
Product name
No. of poles
Part No.
MIL type AXM Flat Cable Connector
20
AXM120415
30
AXM130415
34
AXM134415
40
AXM140415
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - AXM140415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXM ETC2-AXM Datasheet
4Mb / 122P
   E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
logo
ON Semiconductor
AXM0F243 ONSEMI-AXM0F243 Datasheet
544Kb / 53P
   SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
March, 2020 ??Rev. 2
AXM0F343 ONSEMI-AXM0F343 Datasheet
987Kb / 34P
   Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
April, 2021 ??Rev. 0
AXM0F343 ONSEMI-AXM0F343 Datasheet
659Kb / 34P
   Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
July, 2021 ??Rev. 1
AXM0F343-256 ONSEMI-AXM0F343-256 Datasheet
659Kb / 34P
   Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
July, 2021 ??Rev. 1
More results

Similar Description - AXM140415

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-2058077 MACOM-C-2058077 Datasheet
76Kb / 1P
   CABLE ASSEMBLY CT 2 POSITION
logo
PHOENIX CONTACT
3212300 PHOENIX-3212300 Datasheet
564Kb / 43P
   Test disconnect terminal block - PTME 6-CT/1P
09/12/2020
3057432 PHOENIX-3057432 Datasheet
326Kb / 29P
   Test disconnect terminal block - UTME 4-CT/1P
09/12/2020
3212301 PHOENIX-3212301 Datasheet
569Kb / 42P
   Feed-through terminal block - PTMED 6-CT/1P
09/12/2020
logo
Tyco Electronics
292132-2 MACOM-292132-2 Datasheet
662Kb / 6P
   AMP CT Connector Series
logo
PHOENIX CONTACT
3212311 PHOENIX-3212311 Datasheet
53Kb / 2P
   Coding plates - PC-CT 6/2 CODIERPL.
09/12/2020
3212302 PHOENIX-3212302 Datasheet
569Kb / 42P
   Ground modular terminal block - PTMED 6-CT/1P-PE
09/12/2020
logo
SCHOTT CORPORATION
22264 SCHOTT-22264 Datasheet
23Kb / 1P
   T-1 LINE INTERFACE TRANSFORMER 1:2 CT
logo
M-System Co.,Ltd.
CTM2 MSYSTEM-CTM2 Datasheet
66Kb / 1P
   CT PROTECTOR
logo
LEM
CT-5T LEM-CT-5T Datasheet
142Kb / 2P
   CT-5T
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com