Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1352B-133AC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1352B-133AC
Description  256K x 18 Pipilined SRAm with NoBL Architecture
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1352B-133AC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1352B-133AC Datasheet HTML 4Page - Cypress Semiconductor CY7C1352B-133AC Datasheet HTML 5Page - Cypress Semiconductor CY7C1352B-133AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1352B-133AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1352B-133AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1352B-133AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1352B-133AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1352B-133AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1352B-133AC Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CY7C1352B
PRELIMINARY
8
Switching Characteristics Over the Operating Range[11, 12, 13]
-166
-150
-143
-133
-100
-80
Parameter
Description
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Unit
tCYC
Clock Cycle Time
5.0
6.6
7.0
7.5
10
12.5
ns
tCH
Clock HIGH
1.4
2.5
2.8
3.0
4.0
4.0
ns
tCL
Clock LOW
1.4
2.5
2.8
3.0
4.0
4.0
ns
tAS
Address Set-Up Before CLK
Rise
1.5
1.5
2.0
2.0
2.2
2.5
ns
tAH
Address Hold After CLK Rise
0.5
0.5
0.5
0.5
0.5
1.0
ns
tCO
Data Output Valid After CLK
Rise
3.5
3.8
4.0
4.2
5.0
7.0
ns
tDOH
Data Output Hold After CLK
Rise
1.5
1.5
1.5
1.5
1.5
1.5
ns
tCENS
CEN Set-Up Before CLK Rise
1.5
1.5
2.0
2.0
2.2
2.5
ns
tCENH
CEN Hold After CLK Rise
0.5
0.5
0.5
0.5
0.5
1.0
ns
tWES
GW, BWS[1:0] Set-Up Before
CLK Rise
1.5
1.5
2.0
2.0
2.2
2.5
ns
tWEH
GW, BWS[1:0] Hold After CLK
Rise
0.5
0.5
0.5
0.5
0.5
1.0
ns
tALS
ADV/LD Set-Up Before CLK
Rise
1.5
1.5
2.0
2.0
2.2
2.5
ns
tALH
ADV/LD Hold after CLK Rise
0.5
0.5
0.5
0.5
0.5
1.0
ns
tDS
Data Input Set-Up Before
CLK Rise
1.5
1.5
1.7
1.7
2.0
2.5
ns
tDH
Data Input Hold After CLK
Rise
0.5
0.5
0.5
0.5
0.5
1.0
ns
tCES
Chip Enable Set-Up Before
CLK Rise
1.5
1.5
2.0
2.0
2.2
2.5
ns
tCEH
Chip Enable Hold After CLK
Rise
0.5
0.5
0.5
0.5
0.5
1.0
ns
tCHZ
Clock to High-Z[10, 12, 13, 14]
1.5
3.2
1.5
3.2
1.5
3.5
1.5
3.5
1.5
3.5
1.5
5.0
ns
tCLZ
Clock to Low-Z[10, 12, 13, 14]
1.5
1.5
1.5
1.5
1.5
1.5
ns
tEOHZ
OE HIGH to Output High-Z[10,
12, 13, 14]
3.0
3.0
4.0
4.2
5.0
7.0
ns
tEOLZ
OE LOW to Output Low-Z[10,
12, 13, 14]
0
0
0
0
0
0
ns
tEOV
OE LOW to Output Valid[12]
3.2
3.5
4.0
4.2
5.0
7.0
ns
Shaded areas contain advance information.
Notes:
12. tCHZ, tCLZ, tOEV, tEOLZ, and tEOHZ are specified with A/C test conditions shown in part (a) of AC Test Loads and waveforms. Transition is measured ± 200 mV
from steady-state voltage.
13. At any given voltage and temperature, tEOHZ is less than tEOLZ and tCHZ is less than tCLZ to eliminate bus contention between SRAMs when sharing the same
data bus. These specifications do not imply a bus contention condition, but reflect parameters guaranteed over worst case user conditions. Device is designed
to achieve High-Z prior to Low-Z under the same system conditions.
14. This parameter is sampled and not 100% tested.


Similar Part No. - CY7C1352B-133AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352 CYPRESS-CY7C1352 Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-100AC CYPRESS-CY7C1352-100AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-133AC CYPRESS-CY7C1352-133AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-143AC CYPRESS-CY7C1352-143AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
CY7C1352-80AC CYPRESS-CY7C1352-80AC Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1352B-133AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
   4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_07 Datasheet
575Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G Datasheet
229Kb / 13P
   4-Mbit (256K x 18) Flow-through SRAM with NoBL??Architecture
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
   4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com