Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R302A Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # R302A
Description  X-RAY COLLIMATOR WITH LIGHT
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

R302A Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button R302A Datasheet HTML 12Page - List of Unclassifed Manufacturers R302A Datasheet HTML 13Page - List of Unclassifed Manufacturers R302A Datasheet HTML 14Page - List of Unclassifed Manufacturers R302A Datasheet HTML 15Page - List of Unclassifed Manufacturers R302A Datasheet HTML 16Page - List of Unclassifed Manufacturers R302A Datasheet HTML 17Page - List of Unclassifed Manufacturers R302A Datasheet HTML 18Page - List of Unclassifed Manufacturers R302A Datasheet HTML 19Page - List of Unclassifed Manufacturers R302A Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
MODEL R302/A
.
INSTRUCTIONS MANUAL MTR302/A -ING. - page E-4
• Check that each indicator is precisely over the dial line marked CLOSED. It is most
probable that if the indicators read “closed” when the shutters are closed, all the other
dial indications will prove to be correct.
Shutter Dial Calibration:
• Measure the x-ray size field shown on the test film.
• Adjust the Light field to the same dimension and read the measure on the dial.
• If the reading is not within tolerance, adjust the indicator .
• Loosen the Allen screw placed on the side of the knob.
2. Bucky Light Line Adjustment
Remove the collimator rear cover to gain access to the point of adjustment as shown in
Figure 3 - page N-3
Position adjustment:
• The line is to fall on a perpendicular bisector line constructed against the antidust
plastic panel toward the control face of the collimator.
• To adjust the position of the line, shift the light prism as required. Note that the prism
and bracket are inside the collimator frame and cannot be seen, but may be controlled
by the two securing screws as shown in Figure. 3 page N-3
NOTE: the prism is inside the collimator: it cannot be seen but may be adjusted by acting on
two screws as illustrated in Figure 3 – page N-3
3. Crosshair Alignment
• Activate the light-field.
• Turn the control knobs to adjust the light-field to a narrow line; each direction in turn.
• Check that the crosshair line is centred in the narrow light line in each direction.
• If adjustment is required, remove the cover from the sides and bottom of the collimator
to gain access.
• Loosen the four screws securing the plastic panel to the collimator frame and position
the plate to centre the cross lines in the light lines.
4. Friction Brake Adjustment
• If a shutter control is too loose and does not hold position, or is too tight and is difficult
to turn, adjust the appropriate friction brake to obtain the optimum friction - See Figure 3
page N-3.
• Remove the knobs and front panel to gain access to the adjustment point (See Figure 3
– page N-3)
• Before replacing the control close both shutters and note the position of the indicators:
these must show correct field size.- see paragraph 4, of this Manual - Field Size
Indication Adjustment - page E-3.
5. Mechanical Motion Stop Adjustment
The purpose of these stops (see figure 3 on page N-3) is to prevent stressing excessively the
shutters control linkage at the two extremes of travel, by positively limiting the rotation of the
control shafts.


Similar Part No. - R302A

ManufacturerPart #DatasheetDescription
logo
Nikkohm Co., Ltd.
R3020 NIKKOHM-R3020 Datasheet
348Kb / 3P
   1/4W, 1/2W, 1W, 2W Thin Film Precision Chip
2012/07/01
More results

Similar Description - R302A

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS26 LUMILEDS-DS26 Datasheet
259Kb / 4P
   power light source LUXEON짰 Collimator
logo
Voltage Multipliers Inc...
XRS040N100 VMI-XRS040N100 Datasheet
171Kb / 2P
   Portable X-Ray
XRS040N100 VMI-XRS040N100_07 Datasheet
764Kb / 2P
   Portable X-Ray
logo
Toshiba Semiconductor
7525 TOSHIBA-7525 Datasheet
204Kb / 14P
   X-ray Thickness Gage
logo
Hamamatsu Corporation
C12200-461 HAMAMATSU-C12200-461 Datasheet
555Kb / 2P
   X-ray TDI Camera
C6086 HAMAMATSU-C6086 Datasheet
94Kb / 2P
   X-Ray CCD Camera
logo
Elite Enterprises (H.K....
PG1N-3N25 ELITE-PG1N-3N25 Datasheet
205Kb / 3P
   Collimator
logo
Hamamatsu Corporation
C7390 HAMAMATSU-C7390 Datasheet
137Kb / 4P
   X-Ray Line Sensor Camera
logo
Elite Enterprises (H.K....
PG1N-NX06 ELITE-PG1N-NX06 Datasheet
271Kb / 2P
   Collimator
logo
Hamamatsu Corporation
S8559 HAMAMATSU-S8559_15 Datasheet
76Kb / 2P
   Detector for X-ray monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com