Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42LN5200 Datasheet(PDF) 20 Page - LG Semicon Co.,Ltd.

Part # 42LN5200
Description  LG LED TV applies LCD screen with LED backlights.
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

42LN5200 Datasheet(HTML) 20 Page - LG Semicon Co.,Ltd.

Back Button 42LN5200 Datasheet HTML 16Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 17Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 18Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 19Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 20Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 21Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 22Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 23Page - LG Semicon Co.,Ltd. 42LN5200 Datasheet HTML 24Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
20 MAKING CONNECTIONS
Connecting to a HD receiver, DVD player, or VCR
Connect a HD receiver, DVD player, or VCR to the TV and select an appropriate input mode.
HDMI connection
HDMI is the best way to connect a device.
Transmits digital video and audio signals from an external device to the TV. Connect the external device
and the TV with the HDMI cable as shown in the following illustration.
y
y Use the latest High Speed HDMI™ Cable that supports CEC (Customer Electronics Control)
function.
y
y High Speed HDMI™ Cables are tested to carry an HD signal up to 1080p and higher.
y
y HDMI Audio Supported Format: Dolby Digital, PCM (Up to 192 kHz, 32 kHz / 44.1 kHz / 48 kHz /
96 kHz / 192 kHz) -> DTS is not supported.
NOTE
HDMI
DVD / Blu-Ray / HD Cable Box / HD STB


Similar Part No. - 42LN5200

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
42LX196 TOSHIBA-42LX196 Datasheet
422Kb / 10P
   Service Material and Reference Tips
7/6/2007
42LZ196 TOSHIBA-42LZ196 Datasheet
422Kb / 10P
   Service Material and Reference Tips
7/6/2007
More results

Similar Description - 42LN5200

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4603 MPS-MP4603 Datasheet
515Kb / 18P
   White LED Driver for Large LCD TV Backlights
logo
List of Unclassifed Man...
BR02XXX ETC2-BR02XXX Datasheet
476Kb / 3P
   LED Backlights
logo
Fairchild Semiconductor
FCP190N65F FAIRCHILD-FCP190N65F Datasheet
1Mb / 9P
   LCD / LED / PDP TV
logo
Analog Devices
ADM8845 AD-ADM8845_15 Datasheet
321Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. C
ADM8845 AD-ADM8845_V01 Datasheet
509Kb / 18P
   Charge Pump Driver for LCD White LED Backlights
Rev. D
ADM8845 AD-ADM8845 Datasheet
382Kb / 20P
   Charge Pump Driver for LCD White LED Backlights
REV. 0
logo
Banner Engineering Corp...
LEDIB70X70M BANNER-LEDIB70X70M Datasheet
162Kb / 3P
   LED..B..M Series Backlights
LEDIB70X70W BANNER-LEDIB70X70W Datasheet
159Kb / 3P
   LED..B..W Series Backlights
LED BANNER-LED Datasheet
355Kb / 5P
   LED Series Sealed Backlights
logo
LG Semicon Co.,Ltd.
47LV5500 LG-47LV5500 Datasheet
523Kb / 2P
   47" Class 1080p LED LCD TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com