Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PT-723B-76Q Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part No. PT-723B-76Q
Description  Sales Outline Drawing
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MSPI [Mallory Sonalert Products Inc]
Homepage  https://www.mspindy.com/default.aspx
Logo 

PT-723B-76Q Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory Sonalert Products Inc.
Part #
PT-723B-76Q
Sales Outline Drawing
Revision
D
4411 South High School Road, Indianapolis, Indiana 46241 USA ● Phone (317) 612-1000 ● Fax (317) 612-1010 ● http://www.mspindy.com
May not be suitable for all medical and aerospace applications.
Specifications: Contact Mallory Sonalert to discuss your application.
Resonant Frequency (Hz)
2600 ± 500
Operating Voltage (Vp-p/max)
30
Rated Voltage (Vp-p)
5.0
Current Consumption (mA/max)
5.0
Sound Pressure Level (dB/min)
90 @ 10cm at Rated Voltage
Capacitance (pF)
36,000 ±30% at 120Hz
Operating Temperature (°C)
-20 ~ +70
Storage Temperature (°C)
-30 ~ +80
Housing
ABS 757 UL94HB plastic resin
(Color: Black)
Lead Wire
28 AWG(Red & Black)
Weight (Grams)
6
Options
For other options contact factory
NO CIRCUITRY
Dimensions: (units: mm)
PS: Vp-p = 1/2duty, square wave
ROHS Compliant
Lead Wire


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn