Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

YFW2310 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part No. YFW2310
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Homepage  http://www.yfwdiode.com/
Logo 

YFW2310 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
YFW2310 SOT-23
1 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
The
uses advanced trench technology to provide excellent
RDS(ON) , low gate charge and operation with gate voltage as low as 2.5V.
This device is suitable for use as a battery protection or in other switching
application.
High power and current handing capability
Lead free product is acquired
Surface mount package
Battery Switch
DC/DC Converter
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
3
A
Pulsed Drain Current (note 1)
IDM
10
A
Power Dissipation
PD
0.35
W
Thermal Resistance from Junction to Ambient (note 2)
RθJA
357
℃/W
Junction Temperature
TJ
150
Storage Temperature
TSTG
-55~+150
V(BR)DSS
RDS(on)MAX
ID
60 V
 
105mΩ@10V 
3A
125mΩ@4.5V 
 
N-Channel MOSFET
G
D
S
1
2
3
Simplified outline(SOT-23)
1. Gate
2. Source
3. Drain
Features
Application
K F2310
Description
Absolute Maximum Ratings Ta = 25℃


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn