Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

YFW2310 Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part No. YFW2310
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

YFW2310 Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  YFW2310 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2310 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2310 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD YFW2310 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
YFW2310 SOT-23
3 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
01
23
45
0
5
10
15
02
46
8
10
0
100
200
300
400
012
34
0
2
4
6
8
0.2
0.4
0.6
0.8
1.0
1.2
1E-3
0.01
0.1
1
10
25
50
75
100
125
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
24
68
10
20
40
60
80
100
120
140
V
GS=5V
4V、3.0V
V
GS=2.5V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Pulsed
V
GS=2.0V
GATE TO SOURCE VOLTAGE V
GS
(V)
I
D=3A
T
a=25
Pulsed
V
GS
——
R
DS(ON)
GATE TO SOURCE VOLTAGE V
GS
(V)
V
DS=5.0V
Pulsed
T
a=100
T
a=25
Transfer Characteristics
SOURCE TO DRAIN VOLTAGE V
SD
(V)
T
a=25
Pulsed
V
SD
I
S
——
Output Characteristics
JUNCTION TEMPERATURE T
J
( )
I
D=250uA
Threshold Voltage
VGS=10V
DRAIN CURRENT I
D
(A)
I
D
——
R
DS(ON)
T
a=25
Pulsed
VGS=4.5V
0.5


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn