Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

YFW2102W Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part No. YFW2102W
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Homepage  http://www.yfwdiode.com/
Logo 

YFW2102W Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
YFW2102W SOT-323
1 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
20
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
ID
2.1
Continuous Source-Drain Current(Diode Conduction)
IS
0.6
A
Power Dissipation
PD
0.2
W
Thermal Resistance from Junction to Ambient (t≤5s)
RθJA
625
℃/W
Operating Junction
TJ
150
Storage Temperature
TSTG
-55 ~+150
N-Channel MOSFET
Simplified outline(SOT-323)
1. Gate
2. Source
3. Drain
1
2
3
G
D
S
Features
TrenchFET Power MOSFET
Applications
Load Switch for Portable Devices
DC/DC Converter
Absolute Maximum Ratings Ta = 25℃


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn