Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

YFW2102W Datasheet(PDF) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part No. YFW2102W
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Homepage  http://www.yfwdiode.com/
Logo 

YFW2102W Datasheet(HTML) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
YFW2102W SOT-323
4 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Package Outline
SOT-323
Summary of Packing Options
Package
Package Description
Packing Quantity
Industry Standard
SOT-323
Tape/Reel,7
”reel
3000
EIA-481-1
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
v
mm
0.1
1.1
0.8
0.4
0.3
0.25
0.10
2.2
1.8
1.35
1.15
0.65
e
1.3
2.2
2.0
0.23
0.13
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
w M
bp
D
e1
e
A
B
A1
Lp
Q
detail X
c
HE
E
v M A
A
B
y
0
1
2 mm
scale
A
X
12
3


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn