Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

YFW2102W Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part No. YFW2102W
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Homepage  http://www.yfwdiode.com/
Logo 

YFW2102W Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
YFW2102W SOT-323
3 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
3
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
12
14
16
18
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
30
40
50
60
70
80
90
100
012
345
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2
4
6
8
10
12
14
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Pulsed
Pulsed
T
a
=100℃
V
SD
I
S
——
T
a
=25℃
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
V
GS
=3V
V
GS
=2.5V
V
GS
=2V
V
GS
=4V,5V
Output Characteristics
V
GS
=1.5V
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
V
GS
=2.5V
T
a
=25℃
Pulsed
V
GS
=4.5V
T
a
=25℃
Pulsed
DRAIN CURRENT
I
D
(A)
I
D
——
R
DS(ON)
T
a
=100℃
T
a
=25℃
GATE TO SOURCE VOLTAGE
V
GS
(V)
V
GS
——
R
DS(ON)
I
D
=3.6A
V
DS
=3V
Pulsed
GATE TO SOURCE VOLTAGE
V
GS
(V)
Transfer Characteristics
T
a
=100℃
T
a
=25℃
I
D
=250uA
Threshold Voltage
JUNCTION TEMPERATURE
T
j
(
)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn