Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV25616-15K Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61LV25616-15K
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV25616-15K Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61LV25616-15K Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV25616-15K Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV25616-15K Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV25616-15K Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV25616-15K Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV25616-15K Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV25616-15K Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV25616-15K Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LV25616-15K Datasheet HTML 11Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
7
Rev. B
09/29/00
1
2
3
4
5
6
7
8
9
10
11
12
IS61LV25616
ISSI®
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
-7
-8
-10
-12
-15
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
tWC
Write Cycle Time
7
8
10
12
15
ns
tSCE
CE to Write End
5
5.5
8
8
10
ns
tAW
Address Setup Time
5
5.5
8
8
10
ns
to Write End
tHA
Address Hold from Write End
0
0
0
0
0
ns
tSA
Address Setup Time
0
0
0
0
0
ns
tPWB
LB, UB Valid to End of Write
5
5.5
8
8
10
ns
tPWE1
WE Pulse Width
5
5.5
8
8
10
ns
tPWE2
WE Pulse Width (OE = LOW)
7
5
10
12
12
ns
tSD
Data Setup to Write End
3.5
4
6
6
7
ns
tHD
Data Hold from Write End
0
0
0
0
0
ns
tHZWE(2)
WE LOW to High-Z Output
3
3.5
5
6
7ns
tLZWE(2)
WE HIGH to Low-Z Output
2
2
2
2
2
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to 3.0V and
output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of
CE LOW and UB or LB, and WE LOW. All signals must be in valid states to
initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the
rising or falling edge of the signal that terminates the write.
Shaded area product in development


Similar Part No. - IS61LV25616-15K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV25616-15K ICSI-IS61LV25616-15K Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61LV25616-15K ISSI-IS61LV25616-15K Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV25616-15KI ICSI-IS61LV25616-15KI Datasheet
461Kb / 10P
   256 X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61LV25616-15KI ISSI-IS61LV25616-15KI Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV25616-15K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com