Electronic Components Datasheet Search |
|
IS61LV25616-12B Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc |
|
IS61LV25616-12B Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc |
5 / 11 page Integrated Silicon Solution, Inc. — 1-800-379-4774 5 Rev. B 09/29/00 1 2 3 4 5 6 7 8 9 10 11 12 IS61LV25616 ISSI® READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range) -7 -8 -10 -12 -15 Symbol Parameter Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Unit tRC Read Cycle Time 7 — 8 — 10 — 12 — 15 — ns tAA Address Access Time — 7 — 8 — 10 — 12 — 15 ns tOHA Output Hold Time 3 — 3 — 3 — 3 — 3 — ns tACE CE Access Time — 7 — 8 — 10 — 12 — 15 ns tDOE OE Access Time — 3.5 — 3.5 — 4 — 5 — 7ns tHZOE(2) OE to High-Z Output — 2.5 — 3 — 4 — 50 6 ns tLZOE(2) OE to Low-Z Output 0 — 0 — 0 — 0 — 0 — ns tHZCE(2 CE to High-Z Output 0 3 — 30 40 60 8 ns tLZCE(2) CE to Low-Z Output 2.5 — 3 — 3 — 3 — 3 — ns tBA LB, UB Access Time — 3 — 3.5 — 4 — 5 — 7ns tHZB(2) LB, UB to High-Z Output 0 2.5 0 3 0 3 0 4 0 5 ns tLZB(2) LB, UB to Low-Z Output 0 — 0 — 0 — 0 — 0 — ns tPU Power Up Time 0 — 0 — 0 — 0 — 0 — ns tPD Power Down Time — 7 — 8 — 10 — 12 — 15 ns Notes: 1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to 3.0V and output loading specified in Figure 1. 2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Shaded area product in development AC TEST CONDITIONS Parameter Unit Input Pulse Level 0V to 3.0V Input Rise and Fall Times 3 ns Input and Output Timing 1.5V and Reference Level Output Load See Figures 1 and 2 AC TEST LOADS Figure 1 Figure 2 319 Ω 5 pF Including jig and scope 353 Ω OUTPUT 3.3V ZO = 50 Ω 1.5V 50 Ω OUTPUT 30 pF Including jig and scope |
Similar Part No. - IS61LV25616-12B |
|
Similar Description - IS61LV25616-12B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |