Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM1B-05 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # UM1B-05
Description  0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

UM1B-05 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  UM1B-05 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UM1B-05 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UM1B-05 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UM1B-05 THRU UM10B-05 UMB
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
RECTIFIER Reverse Voltage - 100 to 1000 V
Forward Current – 0.5A
FEATURES
High current capability
Low forward voltage drop
Glass Passivated Chip Junction
Low power loss, high efficiency
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: UMB
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 45mg / 0.0016oz
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
UM1B-05
UM2B-05
UM4B-05
UM6B-05
UM8B-05 UM10B-05
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Average Rectified Output Current at Tc = 125 °C
Io
0.5
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load(JEDEC
method)
IFSM
20
A
Forward Voltage per element at 0.5A
VF
1.1
V
@
TA=25°C
3
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@
TA=125°C
IR
30
μA
Typical Junction Capacitance(Note1)
Cj
9
pF
Typical Thermal Resistance (Note2)
RθJA
135
°C/W
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
2)Mounted on glass epoxy PC board with 4×1.5"×1.5"(3.81×3.81 cm) copper pad.
UMB
Marking Code
UM1B-05
B2
UM2B-05
B3
UM4B-05
B4
UM6B-05
B5
UM8B-05
B6
UM10B-05
B7


Similar Part No. - UM1B-05

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
UM1B-05 YFWDIODE-UM1B-05 Datasheet
416Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UM1B-05-UMB YFWDIODE-UM1B-05-UMB Datasheet
416Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UM1B-05

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MB1F-05 YFWDIODE-MB1F-05 Datasheet
493Kb / 3P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
MB1S-05 YFWDIODE-MB1S-05 Datasheet
496Kb / 3P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
Won-Top Electronics
B1S WTE-B1S_06 Datasheet
59Kb / 4P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Yint Electroni...
MB1M YINT-MB1M Datasheet
476Kb / 3P
   0.5A Surface Mount Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
MB05S ZSELEC-MB05S Datasheet
87Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
HD005 ZSELEC-HD005 Datasheet
87Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LF05F ZSELEC-LF05F Datasheet
340Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB1F-05-MBF YFWDIODE-MB1F-05-MBF Datasheet
424Kb / 3P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HD005M ZSELEC-HD005M Datasheet
89Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LB05F ZSELEC-LB05F Datasheet
340Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com