Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U10T01 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # U10T01
Description  1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

U10T01 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  U10T01 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD U10T01 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD U10T01 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
U10T01 THRU U10T10 ABS
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
RECTIFIER Reverse Voltage - 100 to 1000 V
Forward Current
– 1.0A
FEATURES
Fast reverse recovery time
Designed for Surface Mount Application
Glass Passivated Chip Junction
Low power loss, high efficiency
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: ABS/LBF
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 88mg / 0.0031oz
1.Input pin(~)
2.Input pin(~)
3.Output Anode(+)
4.Output Cathode(-)
ABS/LBF
Maximum Ratings and Electrical characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
U10T01
U10T02
U10T04
U10T06
U10T08
U10T10
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Average Rectified Output Current at Tc = 125 °C
Io
1.0
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load(JEDEC
method)
IFSM
35
A
Forward Voltage per element at 1.0A
VF
1.0
1.3
1.5
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@
TA=25°C
IR
5.0
μA
@
TA=125°C
100
Typical Junction Capacitance
Note1
Cj
18
pF
Maximum Reverse Recovery Time
Note2
TRR
50
75
nS
Typical Thermal Resistance
Note3
RθJA
RθJC
72
20
°C/W
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
(1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)Mounted on glass epoxy PC board with 4×1.5"×1.5"(3.81×3.81 cm) copper pad.


Similar Part No. - U10T01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U10 ETC2-U10 Datasheet
206Kb / 2P
   USB Network Interface ??TP/FT-10 Channel
logo
Amphenol Communications...
U10 AMPHENOLCS-U10 Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
logo
Intronics Power, Inc.
U10-12D12 INTRONICS-U10-12D12 Datasheet
146Kb / 1P
   DC/DC MODULES
U10-12D15 INTRONICS-U10-12D15 Datasheet
146Kb / 1P
   DC/DC MODULES
U10-12D5 INTRONICS-U10-12D5 Datasheet
146Kb / 1P
   DC/DC MODULES
More results

Similar Description - U10T01

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
UABS1 YFWDIODE-UABS1 Datasheet
361Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
DB102S YFWDIODE-DB102S Datasheet
440Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
UMB1S YFWDIODE-UMB1S Datasheet
464Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
UMB1F YFWDIODE-UMB1F Datasheet
465Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
Diodes Incorporated
DF01S-TF DIODES-DF01S-TF Datasheet
84Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
ABS05-1A ZSELEC-ABS05-1A Datasheet
91Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
DF005S SHUNYE-DF005S Datasheet
100Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
S1WB05 ZSELEC-S1WB05 Datasheet
102Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF005S DIODES-DF005S_1 Datasheet
88Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17001 Rev. 13 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com