Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS61LV25616 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part No. IS61LV25616
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV25616 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61LV25616 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV25616 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV25616 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV25616 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV25616 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV25616 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV25616 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV25616 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV25616 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Rev. B
09/29/00
1
2
3
4
5
6
7
8
9
10
11
12
IS61LV25616
ISSI®
TRUTH TABLE
I/O PIN
Mode
WE
CE
OE
LB
UB
I/O0-I/O7
I/O8-I/O15
Vcc Current
Not Selected
X
H
X
X
X
High-Z
High-Z
ISB1, ISB2
Output Disabled
H
L
H
X
X
High-Z
High-Z
ICC
X
L
X
H
H
High-Z
High-Z
Read
H
L
L
L
H
DOUT
High-Z
ICC
H
L
L
H
L
High-Z
DOUT
H
LLLL
DOUT
DOUT
Write
L
L
X
L
H
DIN
High-Z
ICC
L
L
X
H
L
High-Z
DIN
LL
X
L
L
DIN
DIN
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to Vcc+0.5
V
TBIAS
Temperature Under Bias
–45 to +90
°C
VCC
Vcc Related to GND
–0.3 to +4.0
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.0
W
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
OPERATING RANGE
7, 8, 10 ns
12 ns, 15 ns
Range
Ambient Temperature
VCC
VCC
Commercial
0°C to +70°C
3.3V +10%, -5%
3.3V ± 10%
Industrial
–40°C to +85°C
3.3V +10%, -5%
3.3V ± 10%


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn