Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-80836CNUA-B8V-T2 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-80836CNUA-B8V-T2
Description  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80836CNUA-B8V-T2 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-80836CNUA-B8V-T2 Datasheet HTML 9Page - Seiko Instruments Inc S-80836CNUA-B8V-T2 Datasheet HTML 10Page - Seiko Instruments Inc S-80836CNUA-B8V-T2 Datasheet HTML 11Page - Seiko Instruments Inc S-80836CNUA-B8V-T2 Datasheet HTML 12Page - Seiko Instruments Inc S-80836CNUA-B8V-T2 Datasheet HTML 13Page - Seiko Instruments Inc S-80836CNUA-B8V-T2 Datasheet HTML 14Page - Seiko Instruments Inc S-80836CNUA-B8V-T2 Datasheet HTML 15Page - Seiko Instruments Inc S-80836CNUA-B8V-T2 Datasheet HTML 16Page - Seiko Instruments Inc S-80836CNUA-B8V-T2 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.2_00
S-808xxC Series
Seiko Instruments Inc.
13
Table 11
Pin No.
Pin name
Pin description
1
OUT
Voltage detection output pin
2
VDD
Voltage input pin
3
VSS
GND pin
TO-92
Bottom view
1
3
2
Figure 8
Absolute Maximum Ratings
1. Detection Voltage Typ. 1.4 V or Less Products
Table 12
(Ta
=25°C unless otherwise specified
Item
Symbol
Absolute maximum ratings
Unit
Power supply voltage
VDD
−VSS
7
V
Output voltage
Nch open-drain output products
VOUT
VSS
−0.3 to VSS+7
CMOS output products
VSS
−0.3 to VDD+0.3
Output current
IOUT
50
mA
Power dissipation
PD SC-82AB
150
mW
SNT-4A
140
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
2. Detection Voltage Typ. 1.5 V or More Products
Table 13
(Ta
=25°C unless otherwise specified
Item
Symbol
Absolute maximum ratings
Unit
Power supply voltage
VDD
−VSS
12
V
Output voltage
Nch open-drain output products
VOUT
VSS
−0.3 to VSS+12
CMOS output products
VSS
−0.3 to VDD+0.3
Output current
IOUT
50
mA
Power dissipation
PD SC-82AB
150
mW
SOT-23-5
250
SOT-89-3
500
SNT-4A
140
TO-92
400
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.


Similar Part No. - S-80836CNUA-B8V-T2

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-80836CNUA-B8VT2X ABLIC-S-80836CNUA-B8VT2X Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
More results

Similar Description - S-80836CNUA-B8V-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com