Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC86L60-3 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RC86L60-3
Description  CMOS, 3.3 Volt / 5 Volt Voice Synthesizer Chipset
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC86L60-3 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RC86L60-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers RC86L60-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers RC86L60-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers RC86L60-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers RC86L60-3 Datasheet HTML 11Page - List of Unclassifed Manufacturers RC86L60-3 Datasheet HTML 12Page - List of Unclassifed Manufacturers RC86L60-3 Datasheet HTML 13Page - List of Unclassifed Manufacturers RC86L60-3 Datasheet HTML 14Page - List of Unclassifed Manufacturers RC86L60-3 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image

RC8660 VOICE SYNTHESIZER
RC SYSTEMS
Figure 1.7. Bus/printer interface
��
����
����
����
����
����
����
����
����
��
��
��
��
��
��
��
��
��
��
��
��
��
��
��
���
���
���
����
���
���
��
���
��
��
��
��
��
��
��
��
��
�������
��
��
��
���
���
��
��
���
���
���
���
���
���
���
���
���
��
��
��
��
��
��
��
��
��
������
����
����
����
����
��
��
��
��
�������������
���
���
���
���
���
���
���
�����
����������
����������
������������
����
���
���
�����
�����
�����
�����
�����
�����
�����
����
���
��
��
��
��
����
������
����
����
��
��
��
���
����
R
TS
R
RDY
AF
AE
STBY
R
7
6
5
4
3
2
1
0
Status Register Bit
Description
SR.7 = RESERVED (R)
Reserved for future use. Mask when polling the Status Register.
SR.6 = TALK STATUS (TS)
1 = Talking
0 = Idle
The TS bit has the same meaning as the TS0 pin. “1” means that the RC8660 is producing output;
“0” means output has ceased. The TS bit is not affected by the TS Pin Control command, which
affects only the TS pins.
SR.5 = RESERVED (R)
Reserved for future use. Mask when polling the Status Register.
SR.4 = READY STATUS (RDY)
1 = Ready
0 = Busy
The RDY bit has the same meaning as the RDY# pin. The RC8660 sets RDY to “1” to indicate
that it is ready to receive data. RDY drops to “0” momentarily after each write operation over the
PIO bus, acknowledging receipt of each character.
SR.3 = ALMOST FULL (AF)
1 = Buffer almost full
0 = Buffer not almost full
This bit is “1” anytime there are less than 100 bytes available in the input buffer. AF is always “0”
in the real time audio playback mode and when using the musical tone generator.
SR.2 = ALMOST EMPTY (AE)
1 = Buffer almost empty
0 = Buffer not almost empty
This bit is “1” anytime there are less than 100 bytes remaining in the input buffer. AE is always “1”
in the real time audio playback mode and when using the musical tone generator.
SR.1 = STANDBY MODE (STBY)
1 = RC8660 is in Standby mode
0 = RC8660 not in Standby mode
This bit is “1” when the RC8660 has entered Standby mode. Standby mode is entered either by
setting the STBY# pin Low or by allowing the Sleep Timer to expire.
SR.0 = RESERVED (R)
Reserved for future use. Mask when polling the Status Register.
Table 1.5. Bus interface Status Register Bit Definitions


Similar Part No. - RC86L60-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC86L50-0 ETC-RC86L50-0 Datasheet
747Kb / 48P
   VOICE SYNTHESIZER
RC86L50-1 ETC-RC86L50-1 Datasheet
747Kb / 48P
   VOICE SYNTHESIZER
RC86L50-2 ETC-RC86L50-2 Datasheet
747Kb / 48P
   VOICE SYNTHESIZER
RC86L50-3 ETC-RC86L50-3 Datasheet
747Kb / 48P
   VOICE SYNTHESIZER
More results

Similar Description - RC86L60-3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V3672 RENESAS-72V3672 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
IDT72V3652 IDT-IDT72V3652_09 Datasheet
227Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com