Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGY288 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGY288
Description  Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 and PCS1900
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY288 Datasheet(HTML) 1 Page - NXP Semiconductors

  BGY288 Datasheet HTML 1Page - NXP Semiconductors BGY288 Datasheet HTML 2Page - NXP Semiconductors BGY288 Datasheet HTML 3Page - NXP Semiconductors BGY288 Datasheet HTML 4Page - NXP Semiconductors BGY288 Datasheet HTML 5Page - NXP Semiconductors BGY288 Datasheet HTML 6Page - NXP Semiconductors BGY288 Datasheet HTML 7Page - NXP Semiconductors BGY288 Datasheet HTML 8Page - NXP Semiconductors BGY288 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
Product profile
1.1 General description
The BGY288 is a power amplifier module in a SOT775 surface mounted package with a
plastic cap. In the module, a mix of state of the art technologies as InGaP, Si-Bicmos and
Si passive integration are used to combine high performance with a small size. The
module comprises two functional sections, one for low-band (GSM850/EGSM900) and
one for high-band (DCS1800/PCS1900) with internal power detection, power control loop,
input and output matching; see Figure 2. The power control circuit ensures a stable RF
power output which is set by the voltage level on pin PC. The power control circuit is
stabilized to compensate for variations in supply voltage, input power and temperature,
and has a control range fully compliant with European Telecommunication Standards
Institute (ETSI) time mask and power spectrum requirements.
1.2 Features
1.2.1 General features
1.2.2 RF performance
RF performance with a typical pulsed, controlled output power at Tmb =25 °C;
VBAT = 3.6 V; VSTAB = 2.8 V; ZS =ZL =50 Ω; PD(LB) =2dBm/PD(HB) = 0 dBm; δ =2:8.
s f = 824 MHz to 849 MHz;
η @ P
SAT = 50 %; PL = 34 dBm
s f = 880 MHz to 915 MHz;
η @ PSAT = 55 %; PL = 34 dBm
s f = 1710 MHz to 1785 MHz;
η @ P
SAT = 50 %; PL = 32.5 dBm
s f = 1850 MHz to 1910 MHz;
η @ P
SAT = 50 %; PL = 32.5 dBm
1.3 Applications
s Digital cellular radio systems with Time Division Multiple Access (TDMA) operation
(GSM systems) in four frequency bands: 824 MHz to 849 MHz, 880 MHz to 915 MHz,
1710 MHz to 1785 MHz and 1850 MHz to 1910 MHz.
BGY288
Power amplifier with integrated control loop for GSM850,
EGSM900, DCS1800 and PCS1900
Rev. 01 — 2 February 2005
Preliminary data sheet
s Quad band GSM amplifier
s Very small size (8 mm
× 8 mm)
s 34 dBm controlled output power for
GSM850/EGSM900
s 32.5 dBm controlled output power for
DCS1800/PCS1900
s Suited for GPRS class 12
(duty cycle
δ =4:8)
s Easy on/off and band select by digital
control voltage
s Integrated power control loop
s Internal input and output matching
s 3.6 V nominal supply voltage
s Specification based on 3GPP TS 45.005


Similar Part No. - BGY288

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY280 PHILIPS-BGY280 Datasheet
156Kb / 11P
   UHF amplifier module
2000 Nov 15
BGY282 PHILIPS-BGY282 Datasheet
386Kb / 12P
   dual band UHF amplifier module for GSM900 and GSM1800
2001 Dec 04
BGY284 PHILIPS-BGY284 Datasheet
241Kb / 23P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 & PCS1900
2003 Aug 20
More results

Similar Description - BGY288

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY284 PHILIPS-BGY284 Datasheet
241Kb / 23P
   Power amplifier with integrated control loop for GSM850, EGSM900, DCS1800 & PCS1900
2003 Aug 20
logo
RF Micro Devices
RF7161 RFMD-RF7161 Datasheet
871Kb / 20P
   QUAD-BAND GSM850/EGSM900/DCS1800/PCS1900 TRANSMIT MODULEThe
logo
TriQuint Semiconductor
TQ1422 TRIQUINT-TQ1422 Datasheet
132Kb / 6P
   GSM850/900 and DCS1800/PCS1900 Tx - Bandpass Filter
logo
Mitsubishi Electric Sem...
BA01303 MITSUBISHI-BA01303 Datasheet
88Kb / 3P
   Triple Band(EGSM900/DCS1800/PCS1900) InGaP HBT Front-end module
logo
Motorola, Inc
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1817 MOTOROLA-MRFIC1817 Datasheet
232Kb / 8P
   1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
   Triple-band VCO for GSM900/DCS1800/PCS1900
logo
RF Micro Devices
RF3183 RFMD-RF3183 Datasheet
1Mb / 20P
   QUAD-BAND/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
logo
Renesas Technology Corp
PF08134 RENESAS-PF08134 Datasheet
138Kb / 16P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
May 13, 2004
PF08134B RENESAS-PF08134B Datasheet
123Kb / 14P
   MOS FET Power Amplifier Module for GSM850 and DCS1800/1900 Triple Band Handy Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com