Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP5663 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NCP5663
Description  Low Output Voltage, Ultra−Fast 3.0 A Low Dropout Linear Regulator with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP5663 Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCP5663
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
(Vin − Vout = 1.5 V, for typical values TJ = 25°C, for min/max values TJ = −40°C to 85°C, Cin = Cout = 150 mF unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ADJUSTABLE OUTPUT VERSION
Input Voltage
Vin
2.0
9.0
V
Output Noise Voltage
Vn
28
mVrms
Output Voltage Accuracy
TJ = 25°C (Vin = Vout +1.5 V to 7.0 V, Iout = 10 mA to 3.0 A)
TJ = −20 to +125°C (Vin = Vout +1.5 V to 7.0 V, Iout = 10 mA to 3.0 A)
TJ = −40 to +150°C (Vin = Vout +1.5 V to 7.0 V, Iout = 10 mA to 3.0 A)
Vout
−1%
−1.5%
−2%
0.9
+1%
+1.5%
+2%
V
Adjustable Pin Input Current
Iadj
40
nA
Line Regulation (Iout = 10 mA, Vout+1.5 V < Vin < 7.0 V)
REGline
0.03
%
Load Regulation (10 mA < Iout < 3.0 A)
REGload
0.03
%
Dropout Voltage (Iout = 3.0 A)
VDO
1.0
1.3
V
Peak Output Current Limit
Iout
3.0
A
Internal Current Limitation
Ilim
4.5
A
Ripple Rejection (120 Hz)
Ripple Rejection (1 kHz)
RR
70
65
dB
Thermal Shutdown (Guaranteed by Design)
TSHD
160
°C
Ground Current
Iout = 3.0 A
Disabled State
Iq
Iqds
1.3
10
3.0
300
mA
mA
Enable Input Threshold Voltage
Voltage Increasing, On state, Logic High
Voltage Decreasing, Off state, Logic Low
Ven
1.3
0.3
V
Enable Input Current
Enable Pin Voltage = 0.3 Vmax
Enable Pin Voltage = 1.3 Vmin
Ien
0.5
0.5
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn