Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP5663 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NCP5663
Description  Low Output Voltage, Ultra−Fast 3.0 A Low Dropout Linear Regulator with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP5663 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP5663
http://onsemi.com
6
0.70
0.80
0.90
1.00
1.10
1.20
1.30
0
0.5
1.0
1.5
2.0
2.5
3.0
Iout, OUTPUT CURRENT (A)
Vout = 2.5 V
Cin = 150 mF
Cout = 10 to 150 mF
TJ = 25°C
910
0
0.5
1.0
1.5
2.0
2.5
3.0
Iout, OUTPUT CURRENT (A)
908
906
904
902
900
898
896
894
892
890
Vin = 3.3 V
Iout = 3.0 A maximum
Cin = 150 mF
Cout = 1.0 to 150 mF
TJ = 25°C
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
5.00
0.0
0.5
1.0
1.5
2.0
2.5
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
−50
−25
0
25
50
75
100
125
150
Figure 1. Dropout Voltage vs. Temperature
Figure 2. Dropout Voltage vs. Output Current
Figure 3. Ground Current vs. Temperature
Figure 4. Short Circuit Current Limit vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Iout = 3.0 A
Iout = 300 mA
910
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Vin, INPUT VOLTAGE (V)
Figure 5. Output Voltage vs. Input Voltage
4.75
4.50
4.25
4.00
3.75
3.50
3.25
3.00
908
906
904
902
900
898
896
894
892
890
Iout = 10 mA
Cin = 150 mF
Cout = 1.0 to 150 mF
TJ = 25°C
Figure 6. Output Voltage vs. Output Load Current
Vin = 2.5 V
Cin = 150 mF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn