Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF30FC-60DP-0.4V Datasheet(PDF) 2 Page - Hirose Electric

Part # DF30FC-60DP-0.4V
Description  0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF30FC-60DP-0.4V Datasheet(HTML) 2 Page - Hirose Electric

  DF30FC-60DP-0.4V Datasheet HTML 1Page - Hirose Electric DF30FC-60DP-0.4V Datasheet HTML 2Page - Hirose Electric DF30FC-60DP-0.4V Datasheet HTML 3Page - Hirose Electric DF30FC-60DP-0.4V Datasheet HTML 4Page - Hirose Electric DF30FC-60DP-0.4V Datasheet HTML 5Page - Hirose Electric DF30FC-60DP-0.4V Datasheet HTML 6Page - Hirose Electric DF30FC-60DP-0.4V Datasheet HTML 7Page - Hirose Electric DF30FC-60DP-0.4V Datasheet HTML 8Page - Hirose Electric DF30FC-60DP-0.4V Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Contact pitch: 0.4 mm
Termination section
V: Straight SMT
Packaging
(81): Embossed tape packaging (5,000 pieces per reel)
(82): Embossed tape packaging (1,000 pieces per reel)
2
1. Insulation resistance
50 Mø min.
100V DC
2. Withstanding voltage
No flashover or insulation breakdown.
100V AC / one minute
3. Contact resistance
100 mø max.
100 mA
4. Vibration
No electrical discontinuity of 1 µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75mm, 2 hours, 3 axis
5. Humidity
Contact resistance: 100 mø max.
Insulation resistance: 25 Mø min.
6. Temperature cycle
7. Durability
Contact resistance: 100 mø max.
50 cycles(Connector for conductivity tests: 500 cycles)
(insertions/withdrawals)
8. Resistance to
No deformation of components
Reflow: At the recommended temperature profile
soldering heat
affecting performance.
Manual soldering: 300ç for 3 seconds
sMaterials and Finishes
Item
Specification
Conditions
Temperature: -55ç/+5ç to +35ç/+85ç/+5ç to +35ç
Duration: 30/10/30/10(Minutes)
5 cycles
Contact resistance: 100 mø max.
Insulation resistance: 50 Mø min.
96 hours at temperature of 40ç±2ç and RH of
90% to 95%
sProduct Specifications
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating temperature range and
humidity range covers non-conducting condition of installed connectors in storage, shipment or during transportation.
Rating
Rated current 0.3A
Rated voltage 30V AC
Storage temperature range -10
ç to 60ç (Note 2)
Storage humidity range
Relative humidity 40% to 70% (Note 2)
Operating temperature range : -35
ç to 85ç (Note 1)
Operating humidity range
: Relative humidity 20% to 80%
sOrdering information
qReceptacles and Headers
Connectors
Receptacles
and
Headers
Insulator
Contacts
Metal fittings
LCP
Phosphor bronze
Phosphor bronze
Color : Black
Gold plated
Tin-cupper plated
UL94V-0
-------------
-------------
Component
Material
Finish
Remarks
DF30 FC - *
* DS - 0.4
V
(*
**
*)
1
3
4
2
5
67
Series name: DF30
Configuration
FB: With metal fittings, without bosses
FC: Without metal fittings, without bosses
CJ: Connector for conductivity tests
Number of positions: 20, 22, 24, 30, 34, 40, 50, 60, 70, 80
Connector type
DS: Double row receptacle
DP: Double row header
1
2
7
3
4
6
5


Similar Part No. - DF30FC-60DP-0.4V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DF300R07PE4_B6 INFINEON-DF300R07PE4_B6 Datasheet
847Kb / 10P
   EconoPACK4 Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode und NTC
2013-11-11 revision:2.1
DF300R07W2H3_B77 INFINEON-DF300R07W2H3_B77 Datasheet
745Kb / 20P
   EasyPACK??2B module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Revision 1.00 2021-11-15
logo
Token Electronics Indus...
DF3066S170D TOKEN-DF3066S170D Datasheet
524Kb / 19P
   DF-B Dielectric Filters
logo
SanRex Corporation
DF30AA120 SANREX-DF30AA120 Datasheet
90Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF30AA160 SANREX-DF30AA160 Datasheet
90Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
More results

Similar Description - DF30FC-60DP-0.4V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A Datasheet
562Kb / 6P
   0.4-mm Pitch Board to FPC Connector
logo
Hirose Electric
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24 HIROSE-DF24 Datasheet
427Kb / 8P
   0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com