Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMN1M8DV Datasheet(PDF) 4 Page - Hanbit Electronics Co.,Ltd

Part # HMN1M8DV
Description  Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 36Pin-DIP, 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMN1M8DV Datasheet(HTML) 4 Page - Hanbit Electronics Co.,Ltd

  HMN1M8DV Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMN1M8DV Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMN1M8DV Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMN1M8DV Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMN1M8DV Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMN1M8DV Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HMN1M8DV Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HMN1M8DV Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HMN1M8DV Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HANBit
HMN1M8DV
URL:www.hbe.co.kr
4
HANBit Electronics Co.,Ltd
Rev.0.0 (FEBRUARY/ 2002)
DC ELECTRICAL CHARACTERISTICS (TA= TOPR, VCCmin £ VCC≤ VCCmax )
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP.
MAX
UNIT
Input Leakage Current
VIN=VSS to VCC
ILI
-
-
±
3.0
mA
Output Leakage Current
/CE=VIH or /OE=VIH
or /WE=VIL
ILO
-
-
±
3.0
mA
Output high voltage
IOH=-1.0mA
VOH
2.4
-
-
V
Output low voltage
IOL= 2.0mA
VOL
-
-
0.4
V
Power-fail Deselect Voltage
Threshold
Select
Voltage
(THS = VSS )
VPFD
2.8
2.9
3.0
V
Standby supply current
/CE=2.2v
ISB
-
-
0.6
Standby supply current
/CE≥ VCC-0.2V,
0V≤ VIN≤ 0.2V,
or VIN≥ VCC-0.2V
ISB1
-
-
30
mA
Operating
Power
supply
current
/CE=VIL, II/O=0㎃ ,
VIN = VIL or VIH, Read
ICC
-
12
Supply switch-over voltage
VSO
-
2.5
-
V
CHARACTERISTICS (Test Conditions)
Note : Including scope and jig capacitance
PARAMETER
VALUE
Input pulse levels
0.4 to 2.2V
Input rise and fall times
5 ns
Input and output timing reference
levels
5V
( unless otherwise specified)
Output load (CL
1) =30pF+1TTL)
(CL
1) =100pF+1TTL)
See Figures
DOUT
DOUT
+5V
+5V
1KΩ
1KΩ
1.9KΩ
1.9KΩ
5㎊
100㎊
Figure 1.
Output Load A
Figure 2.
Output Load B


Similar Part No. - HMN1M8DV

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN1M8DVN HANBIT-HMN1M8DVN Datasheet
95Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 40Pin - DIP, 3.3V
HMN1M8DVN-120 HANBIT-HMN1M8DVN-120 Datasheet
95Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 40Pin - DIP, 3.3V
HMN1M8DVN-120I HANBIT-HMN1M8DVN-120I Datasheet
95Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 40Pin - DIP, 3.3V
HMN1M8DVN-150 HANBIT-HMN1M8DVN-150 Datasheet
95Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 40Pin - DIP, 3.3V
HMN1M8DVN-150I HANBIT-HMN1M8DVN-150I Datasheet
95Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 40Pin - DIP, 3.3V
More results

Similar Description - HMN1M8DV

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN1M8DVN HANBIT-HMN1M8DVN Datasheet
95Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1024k x 8bit) 40Pin - DIP, 3.3V
HMN1M8D HANBIT-HMN1M8D Datasheet
167Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 36Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1M8DE DLGHANBIT-HMN1M8DE Datasheet
569Kb / 7P
   Non-Volatile SRAM MODULE 8Mbit (1,024K x 8-Bit), 36Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN2M8D HANBIT-HMN2M8D Datasheet
175Kb / 9P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 36Pin-DIP, 5V
HMN1M8DN HANBIT-HMN1M8DN Datasheet
169Kb / 9P
   Non-Volatile SRAM MODULE 8Mbit (1,024K X 8-Bit), 40Pin-DIP, 5V
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN2M8DVB DLGHANBIT-HMN2M8DVB Datasheet
548Kb / 7P
   Non-Volatile SRAM MODULE 16Mbit (2,048K x 8-Bit), 40Pin-DIP,3.3V
HMN4M8DVB DLGHANBIT-HMN4M8DVB Datasheet
547Kb / 7P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP,3.3V
HMN1288DV DLGHANBIT-HMN1288DV Datasheet
491Kb / 7P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN4M8DV HANBIT-HMN4M8DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 32Mbit (4,096K x 8-Bit), 40Pin-DIP, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com