Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DF30CJ-22DS Datasheet(PDF) 3 Page - Hirose Electric

Part No. DF30CJ-22DS
Description  0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

DF30CJ-22DS Datasheet(HTML) 3 Page - Hirose Electric

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Unit: mm
* Tolerances non- accumulative.
Note 1: Order by number of reels.
Note 2: Receptacles with 24 or fewer contacts positions will not have recessed areas.
[Specification number] -**, (**)
(81): Embossed tape packaging (5,000 pieces per reel)
Part Number
DF30FB-20DS-0.4V(
**)
DF30FB-22DS-0.4V(
**)
DF30FB-24DS-0.4V(
**)
DF30FB-30DS-0.4V(
**)
DF30FB-34DS-0.4V(
**)
DF30FB-40DS-0.4V(
**)
DF30FB-50DS-0.4V(
**)
DF30FB-60DS-0.4V(
**)
DF30FB-70DS-0.4V(
**)
DF30FB-80DS-0.4V(
**)
CL684-1098-3-
**
CL684-1099-6-
**
CL684-1100-3-
**
CL684-1101-6-
**
CL684-1102-9-
**
CL684-1103-1-
**
CL684-1104-4-
**
CL684-1105-7-
**
CL684-1106-0-
**
CL684-1107-2-
**
20
22
24
30
34
40
50
60
70
80
06.22
06.62
07.02
08.22
09.02
10.22
12.22
14.22
16.22
18.22
03.6
04.0
04.4
05.6
06.4
07.6
09.6
11.6
13.6
15.6
1.20
1.20
1.20
1.20
1.36
1.60
2.00
2.40
2.80
3.20
05.72
06.12
06.52
07.72
08.52
09.72
11.72
13.72
15.72
17.72
06.52
06.92
07.32
08.52
09.32
10.52
12.52
14.52
16.52
18.52
CL No.
Number of contacts
A
B
C
D
E
Recommended solder paste thickness: 120 µm
P=0.4±0.02
B±0.02
0.23 ±0.02
D
E
+0.05
0
0
-0.05
HRS logo
B
Note 2
A
P=0.4
0.15
Flat surface
C
2.54
Metal fittings
sReceptacles (with metal fittings)
BRecommended PCB mounting pattern


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn