Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DF30CJ-22DS Datasheet(PDF) 2 Page - Hirose Electric

Part No. DF30CJ-22DS
Description  0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

DF30CJ-22DS Datasheet(HTML) 2 Page - Hirose Electric

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Contact pitch: 0.4 mm
Termination section
V: Straight SMT
Packaging
(81): Embossed tape packaging (5,000 pieces per reel)
(82): Embossed tape packaging (1,000 pieces per reel)
2
1. Insulation resistance
50 Mø min.
100V DC
2. Withstanding voltage
No flashover or insulation breakdown.
100V AC / one minute
3. Contact resistance
100 mø max.
100 mA
4. Vibration
No electrical discontinuity of 1 µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75mm, 2 hours, 3 axis
5. Humidity
Contact resistance: 100 mø max.
Insulation resistance: 25 Mø min.
6. Temperature cycle
7. Durability
Contact resistance: 100 mø max.
50 cycles(Connector for conductivity tests: 500 cycles)
(insertions/withdrawals)
8. Resistance to
No deformation of components
Reflow: At the recommended temperature profile
soldering heat
affecting performance.
Manual soldering: 300ç for 3 seconds
sMaterials and Finishes
Item
Specification
Conditions
Temperature: -55ç/+5ç to +35ç/+85ç/+5ç to +35ç
Duration: 30/10/30/10(Minutes)
5 cycles
Contact resistance: 100 mø max.
Insulation resistance: 50 Mø min.
96 hours at temperature of 40ç±2ç and RH of
90% to 95%
sProduct Specifications
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating temperature range and
humidity range covers non-conducting condition of installed connectors in storage, shipment or during transportation.
Rating
Rated current 0.3A
Rated voltage 30V AC
Storage temperature range -10
ç to 60ç (Note 2)
Storage humidity range
Relative humidity 40% to 70% (Note 2)
Operating temperature range : -35
ç to 85ç (Note 1)
Operating humidity range
: Relative humidity 20% to 80%
sOrdering information
qReceptacles and Headers
Connectors
Receptacles
and
Headers
Insulator
Contacts
Metal fittings
LCP
Phosphor bronze
Phosphor bronze
Color : Black
Gold plated
Tin-cupper plated
UL94V-0
-------------
-------------
Component
Material
Finish
Remarks
DF30 FC - *
* DS - 0.4
V
(*
**
*)
1
3
4
2
5
67
Series name: DF30
Configuration
FB: With metal fittings, without bosses
FC: Without metal fittings, without bosses
CJ: Connector for conductivity tests
Number of positions: 20, 22, 24, 30, 34, 40, 50, 60, 70, 80
Connector type
DS: Double row receptacle
DP: Double row header
1
2
7
3
4
6
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn