Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DF30CJ-22DS Datasheet(PDF) 5 Page - Hirose Electric

Part No. DF30CJ-22DS
Description  0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

DF30CJ-22DS Datasheet(HTML) 5 Page - Hirose Electric

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Unit: mm
* Tolerances non- accumulative.
Note 1: Order by number of reels.
Note 2: Headers with 24 or fewer contacts positions will not have protruding areas.
[Specification number] -**, (**)
(81): Embossed tape packaging (5,000 pieces per reel)
Part Number
DF30FB-20DP-0.4V(**)
DF30FB-22DP-0.4V(**)
DF30FB-24DP-0.4V(**)
DF30FB-30DP-0.4V(**)
DF30FB-34DP-0.4V(**)
DF30FB-40DP-0.4V(**)
DF30FB-50DP-0.4V(**)
DF30FB-60DP-0.4V(**)
DF30FB-70DP-0.4V(**)
DF30FB-80DP-0.4V(**)
CL684-1129-5-**
CL684-1130-4-**
CL684-1131-7-**
CL684-1132-0-**
CL684-1133-2-**
CL684-1134-5-**
CL684-1135-8-**
CL684-1074-5-**
CL684-1075-8-**
CL684-1136-0-**
20
22
24
30
34
40
50
60
70
80
05.14
05.54
05.94
07.14
07.94
09.14
11.14
13.14
15.14
17.14
03.6
04.0
04.4
05.6
06.4
07.6
09.6
11.6
13.6
15.6
1.20
1.20
1.20
1.20
1.36
1.60
2.00
2.40
2.80
3.20
04.64
05.04
05.44
06.64
07.44
08.64
10.64
12.64
14.64
16.64
05.44
05.84
06.24
07.44
08.24
09.44
11.44
13.44
15.44
17.44
CL No.
Number of contacts
A
B
C
D
E
0.23 ±0.02
P=0.4 ±0.02
B ±0.02
D
E
Recommended solder paste thickness: 120 µm
+0.05
0
0
-0.05
Note 2
Note 2
0.15
HRS logo
Flat surface
C
P=0.4
B
A
1.1
Metal fittings
sHeader (with metal fittings)
BRecommended PCB mounting pattern


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn