Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I1820E-08TT Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # I1820E-08TT
Description  Low Power Mobile VGA EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

I1820E-08TT Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  I1820E-08TT Datasheet HTML 1Page - Alliance Semiconductor Corporation I1820E-08TT Datasheet HTML 2Page - Alliance Semiconductor Corporation I1820E-08TT Datasheet HTML 3Page - Alliance Semiconductor Corporation I1820E-08TT Datasheet HTML 4Page - Alliance Semiconductor Corporation I1820E-08TT Datasheet HTML 5Page - Alliance Semiconductor Corporation I1820E-08TT Datasheet HTML 6Page - Alliance Semiconductor Corporation I1820E-08TT Datasheet HTML 7Page - Alliance Semiconductor Corporation I1820E-08TT Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
®
Low Power Mobile VGA EMI Reduction IC
7 of 8
March 2003
P1818/19/20/21/22
Notice: The information in this document is subject to change without notice.
Mechanical Package Outline (8-Pin SOIC)
Mechanical Package Outline (8-Pin TSSOP)
Symbol
Inches
Millimeters
Min
Nor
Max
Min
Nor
Max
A
0.057
0.064
0.071
1.45
1.63
1.80
A1
0.004
0.007
0.010
0.10
0.18
0.25
A2
0.053
0.061
0.069
1.35
1.55
1.75
B
0.012
0.016
0.020
0.31
0.41
0.51
C
0.004
0.006
0.01
0.10
0.15
0.25
D
0.186
0.194
0.202
4.72
4.92
5.12
E
0.148
0.156
0.164
3.75
3.95
4.15
e
0.050 BSC
1.27 BSC
H
0.224
0.236
0.248
5.70
6.00
6.30
L
0.012
0.020
0.028
0.30
0.50
0.70
a
0°5°8°0°5°8°
Note: Controlling dimensions are millimeters.
SOIC: 0.074 grams unit weight.
D
A1
e
B
A
A2
P18xxx
LOT NUMBER
YYWW
H
a
C
L
E
Symbol
Inches
Millimeters
Min
Nor
Max
Min
Nor
Max
A
0.047
1.10
A1
0.002
0.006
0.05
0.15
A2
0.031
0.039
0.041
0.80
1.00
1.05
B
0.007
0.012
0.19
0.30
C
0.004
0.008
0.09
0.20
D
0.114
0.118
0.122
2.90
3.00
3.10
E
0.169
0.173
0.177
4.30
4.40
4.50
e
0.026 BSC
0.65 BSC
H
0.244
0.252
0.260
6.20
6.40
6.60
L
0.018
0.024
0.030
0.45
0.60
0.75
a
Note: Controlling dimensions are millimeters.
TSSOP: 0.034 grams unit weight.
D
A1
e
B
A
A2
H
a
C
L
E


Similar Part No. - I1820E-08TT

ManufacturerPart #DatasheetDescription
logo
Winbond
I1806P WINBOND-I1806P Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
I1806S WINBOND-I1806S Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
I1806X WINBOND-I1806X Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
ILLUMINANT CO., LTD
I1808-6IMN1216A ILLUMINANT-I1808-6IMN1216A Datasheet
724Kb / 13P
   PRODUCT SPECIFICATION FOR TFT LLCM
I1809-6IMN1216A ILLUMINANT-I1809-6IMN1216A Datasheet
376Kb / 13P
   PRODUCT SPECIFICATION FOR TFT LCM
More results

Similar Description - I1820E-08TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P1819N ALSC-ASM3P1819N Datasheet
354Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
ASM3P1819N ONSEMI-ASM3P1819N Datasheet
109Kb / 6P
   Low Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P1817A PULSECORE-P1817A Datasheet
382Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
P1817A ONSEMI-P1817A Datasheet
120Kb / 7P
   Low-Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
P1817A ALSC-P1817A Datasheet
302Kb / 10P
   Low-Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P1819N PULSECORE-ASM3P1819N Datasheet
332Kb / 7P
   Low Power Mobile VGA EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com