Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
01000 Datasheet(PDF) 1 Page - Vicor Corporation
Part No.
01000
Description
CAPACITOR
-
(Y)
4700
pF
-20%,
250
VAC
Download
1 Pages
Scroll/Zoom
100%
Maker
VICOR [Vicor Corporation]
Homepage
http://www.vicorpower.com
Logo
01000 Datasheet(HTML) 1 Page - Vicor Corporation
zoom in
zoom out
1
/ 1 page
Html Pages
1
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
25283
SMT
CAPACITOR
-
Y
4700
pF
+-20%
250
VAC
1
Vicor Corporation
03285
CAPACITOR
CERAMIC
DISC
4700pF
+-20%
250
VAC
1
Vicor Corporation
13449
CAPACITOR
ALEL
RADIAL
68uF
+-20%
63V
1
Vicor Corporation
13450
CAPACITOR
ALEL
RADIAL
120uF
+-20%
100V
1
Vicor Corporation
13451
CAPACITOR
ALEL
RADIAL
33uF
+-20%
100V
1
Vicor Corporation
13469
CAPACITOR
ALEL
RADIAL
10uF
+-20%
450V
1
Vicor Corporation
08376
CAPACITOR
27Ouf
+-20%
200V
1
Vicor Corporation
16874
CAPACITOR
ALEL
RADIAL
1200uF
+-20%
200V
1
Vicor Corporation
08377
CAPACITOR
270Ouf
+-20%
400V
1
Vicor Corporation
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn