Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C9688 Datasheet(PDF) 77 Page - Samsung semiconductor

Part # S3C9688
Description  8-bit single-chip CMOS microcontrollers
Download  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C9688 Datasheet(HTML) 77 Page - Samsung semiconductor

Back Button S3C9688 Datasheet HTML 73Page - Samsung semiconductor S3C9688 Datasheet HTML 74Page - Samsung semiconductor S3C9688 Datasheet HTML 75Page - Samsung semiconductor S3C9688 Datasheet HTML 76Page - Samsung semiconductor S3C9688 Datasheet HTML 77Page - Samsung semiconductor S3C9688 Datasheet HTML 78Page - Samsung semiconductor S3C9688 Datasheet HTML 79Page - Samsung semiconductor S3C9688 Datasheet HTML 80Page - Samsung semiconductor S3C9688 Datasheet HTML 81Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 209 page
background image
S3C9688/P9688
CONTROL REGISTERS
4 -47
USBPND — USB Interrupt Pending Register
F6H
Bit Identifier
.7
.6
.5
.4
.3
.2
.1
.0
RESET Value
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
.7 –.6
Not used for
C9688/P9688
.5
USB Reset Interrupt Pending Bit
0
No effect (Write 1,
this bit is cleared )
1
This bit is set, when USB bus reset is detected on the bus.
.4
ENDPOINT 2 Interrupt Pending Bit
0
No effect (Write 1, this bit is cleared)
1
This bit is set, when endpoint2 needs to be serviced
.3
RESUME Interrupt Pending Bit
0
No effect (Write 1, this bit is cleared)
1
While in suspend mode, if resume signaling is received this bit gets set
.2
SUSPEND Interrupt Pending Bit
0
No effect (Write 1, this bit is cleared )
1
This bit is set, when suspend signaling is received
.1
ENDPOINT1 Interrupt Pending Bit
0
No effect (Write 1, this bit is cleared)
1
This bit is set, when endpoint1 needs to be serviced
.0
ENDPOINT0 Interrupt Pending Bit
0
No effect (Write1, this bit is cleared )
1
This bit is set, while endpoint 0 needs to serviced. It is set under the following
conditions;
OUT_PKT_RDY is set
IN_PKT_RDY get cleared
SENT_STALL gets set
SETUP_DATA_END gets cleared
SETUP_TRANSFER_END gets set


Similar Part No. - S3C9688

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9644 SAMSUNG-S3C9644 Datasheet
179Kb / 26P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9648 SAMSUNG-S3C9648 Datasheet
179Kb / 26P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9654 SAMSUNG-S3C9654 Datasheet
230Kb / 27P
   MICROCONTROLLER
S3C9658 SAMSUNG-S3C9658 Datasheet
230Kb / 27P
   MICROCONTROLLER
More results

Similar Description - S3C9688

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
80C32 PHILIPS-80C32 Datasheet
663Kb / 62P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com