Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RT1N431X Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part No. RT1N431X
Description  TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON NPN EPITAXIAL TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISAHAYA [Isahaya Electronics Corporation]
Homepage  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT1N431X Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT1N431X Datasheet HTML 1Page - Isahaya Electronics Corporation RT1N431X Datasheet HTML 2Page - Isahaya Electronics Corporation RT1N431X Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
〈Transistor〉
RT1N431X SERIES
Transistor With Resistor
For Switching Application
Silicon NPN Epitaxial Type
MAXIMUM RATING (Ta=25℃)
RATING
SYMBOL
PARAMETER
RT1N431T
RT1N431U
RT1N431M
RT1N431C
RT1N431S
UNIT
CBO
Collector to Base voltage
50
V
EBO
Emitter to Base voltage
10
V
CEO
Collector to Emitter voltage
50
V
Collector current
100
mA
CM
Peak Collector current
200
mA
Collector dissipation(Ta=25℃)
125 (※ )
125
150
450
mW
Tj
Junction temperature
+125
+150
Tstg
Storage temperature
-55~+125
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25℃)
(※ ) package mounted on 9mm×19mm×1mm glass-epoxy substrate.
LIMIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
(BR)CEO
C to E break down voltage
I
C=100μA,RBE=∞
50
V
CBO
Collector cut off current
V
CB=50V,I E =0
0.1
μA
FE
DC forward current gain
V
CE=5V,I C =10mA
20
CE(sat)
C to E saturation voltage
I
C =10mA,I B =0.5mA
0.1
0.3
V
I(ON)
Input on voltage
V
CE=0.2V,I C =5mA
1.4
2.3
V
I(OFF)
Input off voltage
V
CE=5V,I C =100μA
0.8
1.1
V
Input resistance
3.3
4.7
6.1
/R
Resistance ratio
0.8
1.0
1.2
Gain band width product
V
CE=6V,I E =-10mA
200
MHz
TYPICAL CHARACTERISTICS
IN P U T ON VOL TAG E
VS.C OL L EC TOR C U R R ENT
1
10
100
1
10
100
COLLECTOR CURRENT I C(mA)
VCE=0.2V
COL L ECTOR C U R R EN T
VS. INP UT OF F V OL TA GE
10
100
1000
0.0
0.4
0.8
1.2
1.6
2.0
INPUT OFF VOLTAGE VI(OFF)(V)
VCE=5V
D C F OR W A R D C U R R ENT GA IN
VS.C OL L EC TOR C U R R ENT
10
100
1000
1
10
100
COLLECTOR CURRENT I C(mA)
VCE=5V
ISAHAYA ELECTRONICS CORPORATION


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn