Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RT1N431X Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part No. RT1N431X
Description  TRANSISTOR WITH RESISTOR FOR SWITCHING APPLICATION SILICON NPN EPITAXIAL TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISAHAYA [Isahaya Electronics Corporation]
Homepage  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT1N431X Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT1N431X Datasheet HTML 1Page - Isahaya Electronics Corporation RT1N431X Datasheet HTML 2Page - Isahaya Electronics Corporation RT1N431X Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
〈Transistor〉
RT1N431X SERIES
Transistor With Resistor
For Switching Application
Silicon NPN Epitaxial Type
DESCRIPTION
OUTLINE
DRAWING
UNIT:mm
RT1N431U
RT1N431C
RT1N431X is a one chip transistor
with built-in bias resistor,PNP type is RT1P431X.
FEATURE
・Built-in bias resistor (R1=4.7kΩ,R2=4.7kΩ).
APPLICATION
Inverted circuit,switching circuit,interface circuit,
driver circuit.
Equivalent circuit
JEITA:-
JEDEC:-
JEITA:SC-59
JEDEC:Similar to TO-236
Terminal Connector
①:Base
②:Emitter
③:Collector
Terminal Connector
①:Base
②:Emitter
③:Collector
RT1N431M
RT1N431T
JEITA:SC-70
JEDEC:-
JEITA:-
JEDEC:-
RT1N431S
Terminal Connector
①:Base
②:Emitter
③:Collector
Terminal Connector
①:Base
②:Emitter
③:Collector
0.4
0.8
0.4
1.6
0.5
1.5
0.5
2.5
C
(OUT)
E
(GND)
B
(IN)
R1
R2
1.25
0.425
2.1
0.425
4.0
1.27 1.27
0.45
0.1
ISAHAYA ELECTRONICS CORPORATION
JEITA:-
JEDEC:-
Terminal Connector
①:Emitter
②:Collector
③:Base
0.2
0.8
0.2


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn