Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT3126DS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CBT3126DS
Description  Quadruple FET bus switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3126DS Datasheet(HTML) 3 Page - NXP Semiconductors

  CBT3126DS Datasheet HTML 1Page - NXP Semiconductors CBT3126DS Datasheet HTML 2Page - NXP Semiconductors CBT3126DS Datasheet HTML 3Page - NXP Semiconductors CBT3126DS Datasheet HTML 4Page - NXP Semiconductors CBT3126DS Datasheet HTML 5Page - NXP Semiconductors CBT3126DS Datasheet HTML 6Page - NXP Semiconductors CBT3126DS Datasheet HTML 7Page - NXP Semiconductors CBT3126DS Datasheet HTML 8Page - NXP Semiconductors CBT3126DS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product data
CBT3126
Quadruple FET bus switch
2001 Dec 12
3
LOGIC DIAGRAM
1B
2B
3B
4B
3
6
8
11
2
5
9
12
1A
2A
3A
4A
1
4
10
13
1OE
2OE
3OE
4OE
SA00559
Pin numbers shown are for 14-pin package-types.
Figure 3. CBT3126 logic diagram (positive logic)
FUNCTION TABLE (each bus switch)
INPUT
OE
FUNCTION
L
disconnect
H
A = B
ABSOLUTE MAXIMUM RATINGS1
Over operating free-air temperature range, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage range
–0.5
7
V
VI
input voltage range
see Note 2
–0.5
7
V
continuous channel current
128
mA
IK
input clamp current
VI/O < 0
–50
mA
Tstg
storage temperature range
–65
+150
°C
NOTES:
1. Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions”
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS1
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
4.5
5.5
V
VIH
high-level control input voltage
2
V
VIL
low-level control input voltage
0.8
V
Tamb
operating ambient temperature in free-air
–40
+85
°C
NOTE:
1. All unused control inputs of the device must be held at VCC or GND to ensure proper device operation.


Similar Part No. - CBT3126DS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3126DS NXP-CBT3126DS Datasheet
91Kb / 13P
   Quad FET bus switch
Rev. 03-9 December 2008
More results

Similar Description - CBT3126DS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3125 TI-SN74CBT3125 Datasheet
64Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
SN74CB3Q3125 TI1-SN74CB3Q3125_15 Datasheet
1Mb / 26P
[Old version datasheet]   Quadruple FET Bus Switch
SN74CB3T3125 TI-SN74CB3T3125 Datasheet
188Kb / 12P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
SN74CBT3126 TI-SN74CBT3126 Datasheet
63Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125_15 Datasheet
102Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Nexperia B.V. All right...
CBT3125 NEXPERIA-CBT3125 Datasheet
218Kb / 12P
   Quadruple FET bus switch
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Unisonic Technologies
U74CBT3126 UTC-U74CBT3126 Datasheet
196Kb / 5P
   QUADRUPLE FET BUS SWITCH
U74CBT3126 UTC-U74CBT3126_15 Datasheet
232Kb / 5P
   QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT3126DBQR TI1-SN74CBT3126DBQR Datasheet
1Mb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com