Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10226AB Datasheet(PDF) 2 Page - Analog Devices

Part No. AD10226AB
Description  Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10226AB Datasheet(HTML) 2 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD10226–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS1
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
RESOLUTION
12
Bits
DC ACCURACY
Differential Nonlinearity
2
Full
IV
–0.99
±0.3
+0.99
LSB
Integral Nonlinearity
2
Full
IV
–1.3
±0.75
+1.3
LSB
No Missing Codes
Full
IV
Guaranteed
Gain Error
3
25
°CI
–9
±1+9
% FS
Output Offset
25
°CI
–12
+2
+12
LSB
Gain Tempco
Full
V
100
ppm/
°C
Offset Tempco
Full
V
–50
ppm/
°C
ANALOG INPUT
Input Voltage Range
25
°CV
1.84
V p-p
Input Impedance
25
°CV
50
Input VSWR
4
Full
V
1.1:1
1.25:1
Ratio
Analog Input Bandwidth, High
Full
IV
300
350
MHz
Analog Input Bandwidth, Low
Full
IV
1
MHz
ANALOG REFERENCE
Output Voltage
25
°CV
2.5
V
Load Current
25
°CV
5
mA
Tempco
Full
V
±80
ppm/
°C
SWITCHING PERFORMANCE
5
Maximum Conversion Rate
Full
VI
125
MSPS
Minimum Conversion Rate
Full
IV
10
MSPS
Duty Cycle
Full
IV
45
50
55
%
Aperture Delay (tA)25
°CV
2.1
ns
Aperture Uncertainty (Jitter)
25
°CV
0.25
ps rms
Output Valid Time (tV)
6
Full
IV
3.0
4.5
ns
Output Propagation Delay (tPD)
6
Full
IV
4.5
6.0
ns
Output Rise Time (tR)25
°CV
3.5
ns
Output Fall Time (tF)25
°CV
3.3
ns
DIGITAL INPUTS
ENCODE Input Common-Mode
Full
IV
3.75
V
Differential Input (ENC,
ENC)
Full
IV
500
mV
Logic “1” Voltage
Full
IV
2.0
V
Logic “0” Voltage
Full
IV
0.8
V
Input Resistance
Full
IV
3
6
k
Input Capacitance
25
°CV
3
pF
DIGITAL OUTPUTS
Logic “1” Voltage
6
Full
IV
3.1
3.3
V
Logic “0” Voltage6
Full
IV
0
0.2
V
Output Coding
Two’s Complement
POWER SUPPLY
7
Power Dissipation
8
Full
VI
3040
3300
mW
Power Supply Rejection Ratio
Full
IV
±0.5
±5.0
mV/V
Total I (DVDD) Current
Full
VI
40
60
mA
Total I (AVCC) Current
Full
VI
540
650
mA
(VDD = 3.3 V, VCC = 5.0 V; ENCODE = 125 MSPS, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn