Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10226AB Datasheet(PDF) 1 Page - Analog Devices

Part No. AD10226AB
Description  Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10226AB Datasheet(HTML) 1 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD10226
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Dual-Channel, 12-Bit 125 MSPS
IF Sampling A/D Converter
FUNCTIONAL BLOCK DIAGRAM
D0B
(LSB)
D1B
D2B
D3B
D4B
D5B
D6B
D7B
D8B
D9B
D10B
D11B
(MSB)
D0A
(LSB)
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
D9A
D10A
D11A
(MSB)
ADC
50
AINA2
T1A
ADC
50
AINB2
T1B
AD10226
12
TIMING
ENCODEA
ENCODEA
REF
REF_A_OUT
TIMING
ENCODEB
ENCODEB
REF
REF_B_OUT
OUTPUT
RESISTORS
T/H
T/H
AINA1
AINB1
12
OUTPUT
RESISTORS
12
12
DFS_A
SFDR_A
DFS_B
SFDR_B
FEATURES
Two Independent 12-Bit, 125 MSPS ADCs
Channel-to-Channel Isolation, > 80 dB
AC-Coupled Signal Conditioning Included
Gain Flatness up to Nyquist, < 0.1 dB
Input VSWR 1.1:1 to Nyquist
80 dB Spurious-Free Dynamic Range
Two’s Complement Output Format
3.3 V or 5 V CMOS-Compatible Output Levels
1.5 W Per Channel
Single-Ended or Differential Input
350 MHz Input Bandwidth
APPLICATIONS
Wireless and Wired Broadband Communications
Base Stations and “Zero-IF” or Direct IF Sampling
Subsystems
Wireless Local Loop (WLL)
Local Multipoint Distribution Service (LMDS)
Radar and Satellite Subsystems
PRODUCT DESCRIPTION
The AD10226 offers two complete ADC channels with on-module
signal conditioning for improved dynamic performance. Each wide
dynamic range ADC has a transformer coupled front end
optimized for direct-IF sampling. The AD10226 has on-chip
track-and-hold circuitry and utilizes an innovative architecture to
achieve 12-bit, 125 MSPS performance. The AD10226 uses
innovative high density circuit design to achieve exceptional
performance, while still maintaining excellent isolation and pro-
viding for board area savings.
The AD10226 operates with 5.0 V analog supply and 3.3 V digital
supply. Each channel is completely independent, allowing opera-
tion with independent ENCODE and analog inputs. The AD10226
is available in a 35 mm square 385-lead BGA package.
PRODUCT HIGHLIGHTS
1. Guaranteed sample rate of 125 MSPS
2. Input signal conditioning included with full-power bandwidth
to 350 MHz
3. Industry-leading IF sampling performance


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn