Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10226 Datasheet(PDF) 3 Page - Analog Devices

Part No. AD10226
Description  Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10226 Datasheet(HTML) 3 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
AD10226
Test
Parameter
Temp
Level
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Signal-to-Noise Ratio (SNR)
9 (Without Harmonics)
fIN = 10.3 MHz
25
°CI
66.5
68.5
dBFS
fIN = 49 MHz
25
°CV
67
dBFS
fIN = 71 MHz
25
°CI
63
66
dBFS
fIN = 121 MHz
25
°CV
64
dBFS
fIN = 250 MHz
25
°CV
60
dBFS
Signal-to-Noise Ratio (SINAD)
10 (With Harmonics)
fIN = 10.3 MHz
25
°CI
65.5
68
dBFS
fIN = 49 MHz
25
°CV
66.5
dBFS
fIN = 71 MHz
25
°CI
62.5
65
dBFS
fIN = 121 MHz
25
°CV
62.5
dBFS
fIN = 250 MHz
25
°CV
59.5
dBFS
Spurious-Free Dynamic Range
11
fIN = 10 MHz
25
°CI
76.5
82
dBFS
fIN = 41 MHz
25
°CV
77
dBFS
fIN = 71 MHz
25
°CI
66
72
dBFS
fIN = 121 MHz
25
°CV
71
dBFS
fIN = 250 MHz
25
°CV
70
dBFS
Two-Tone Intermodulation
Distortion
12 (IMD)
fIN = 29.3 MHz; fIN = 30.3 MHz
25
°CV
78
dBc
fIN = 150 MHz; fIN = 151 MHz
25
°CV
70
dBc
Channel-to-Channel Isolation
13
fIN = 121 MHz
Full
IV
85
dB
NOTES
1All ac specifications tested by driving ENCODE and
ENCODE differentially, with the analog input applied to A
INX1 and AINX2 tied to ground.
2SFDR enabled (SFDR = 1) for DNL and INL specifications.
3Gain error measured at 10.3 MHz.
4Input VSWR, see TPC 14.
5See Figure 1, Timing Diagram.
6t
V and tPD are measured from the transition points of the ENCODE input to the 50%/50% levels of the digital outputs swing. The digital output load during
test is not to exceed an ac load of 10 pF or a dc current of
±40 A.
7Supply voltages should remain stable within
±5% for normal operation.
8Power dissipation measures with encode at rated speed.
9Analog input signal power at –1 dBFS; signal-to-noise (SNR) is the ratio of signal level to total noise (first six harmonics removed). ENCODE = 125 MSPS,
SFDR mode = 1. SNR is reported in dBFS, related back to converter full-scale.
10Analog input signal power at –1 dBFS; signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics. ENCODE = 125 MSPS.
SINAD is reported in dBFS, related back to converter full-scale.
11Analog input signal equals –1 dBFS; SFDR is ratio of converter full-scale to worst spur.
12Both input tones at –7 dBFS; two-tone intermodulation distortion (IMD) rejection is the ratio of either tone to the worst third order intermod product.
13Channel-to-channel isolation tested with A channel/50
Ω terminated (A
IN A2) grounded and a full-scale signal applied to B channel (A IN B2).
Specifications subject to change without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn