Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10226 Datasheet(PDF) 5 Page - Analog Devices

Part No. AD10226
Description  Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10226 Datasheet(HTML) 5 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
AD10226
–5–
PIN CONFIGURATION
35mm SQUARE
BOTTOM VIEW
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
24
22
20
18
16
14
12
10
8
6
4
2
25
23
21
19
17
15
13
11
9
7
5
3
1
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
AGNDA
A Channel Analog Ground. A and B grounds should be connected as close to the device as possible.
REF_A_OUT
A Channel Internal Voltage Reference
NC
No connection
AIN A1
Analog Input for A side ADC (– input)
AIN A2
Analog Input for A side ADC (+ input)
AVCCA
Analog Positive Supply Voltage (nominally 5.0 V)
DGNDA
A Channel Digital Ground
D11A–D0A
Digital Outputs for ADC A. D0 (LSB)
ENCODEA
Complement of ENCODE
ENCODEA
Data conversion initiated on the rising edge of ENCODE input.
DVCCA
Digital Positive Supply Voltage (nominally 3.3 V)
DGNDB
B Channel Digital Ground
D11B–D0B
Digital Outputs for ADC B. D0 (LSB)
AGNDB
B Channel Analog Ground. A and B grounds should be connected as close to the device as possible.
DVCCB
Digital Positive Supply Voltage (nominally 3.3 V)
ENCODEB
Complement of ENCODE
ENCODEB
Data conversion initiated on rising edge of ENCODE input.
REF_B_OUT
B Channel Internal Voltage Reference
AIN B1
Analog Input for B side ADC (– input)
AIN B2
Analog Input for B side ADC (+ input)
AVCCB
Analog Positive Supply Voltage (nominally 5.0 V)
DFS
Data format select. Low = Two’s Complement, High = Binary.
SFDR Mode
CMOS control pin that enables (SFDR MODE = 1) a proprietary circuit that may improve the spurious free dynamic
range (SFDR) performance. It is useful in applications where the dynamic range of the system is limited by discrete spurious
frequency content caused by nonlinearities in the ADC transfer function. SFDR Mode = 0 for normal operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn