Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AG15 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part No. AG15
Description  IATF 16949 Compliant Automotive Grade C-V2X Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

AG15 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  AG15 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. AG15 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Variant for the Global
AG15:
C-V2X TDD: B47 for Global
LTE TDD: B46D* for Japan
Data
C-V2X TDD:
Max 26Mbps (TX)/Max 26Mbps (RX)
GNSS
Embedded GNSS:
GPS/GLONASS/BeiDou/Galileo/QZSS
Interfaces
USB 2.0/3.0 × 1
PCIe × 1
UART × 2
SPI × 1
I2C × 1
1PPS × 1
ADC × 3
Main/Rx-diversity/GNSS Antenna Interfaces
GPIO × 4
Enhanced Features
High Security:
Secure Boot*
SELinux*
ESD/EMI Protection:
Realized through Internal Specific Circuits and
Components
Electrical Characteristics
Output Power:
Class 3 (23dBm±2dB) for C-V2X
Power Consumption:
85uA @Power off
Sensitivity:
C-V2X TDD B47: -93dBm (10M)
Software Features
USB Serial Driver:
Windows 7/8/8.1/10, Windows CE 5.0/6.0/7.0*,
Linux 2.6/3.x/4.1~4.14,
Android 4.x/5.x/6.x/7.x/8.x
PCIe Driver:
Linux 4.9.11/4.9.88/4.14
Protocol:
QMI (Qualcomm MSM Interface)
General Features
3GPP Release 14 C-V2X PC5
Bandwidth:
10/20MHz
Temperature Range:
-40°C ~ +85°C
Dimensions:
28.0mm × 32.0mm × 2.85mm
Supply Voltage:
VBAT_BB_3V8: 3.3V~4.3V, 3.8V Typ.
VBAT_RF_5V0: 4.75V~5.25V, 5.0V Typ.
LGA Package
Approvals
TBD
* Under Development
Copyright © 2019 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: 7th Floor, Hongye Building, No.1801 Hongmei Road, Xuhui District, Shanghai 200233, China
Tel: +86 21 51086236
Email: info@quectel.com
Quectel AG15
IATF 16949 Compliant
Automotive Grade
C-V2X Module
32.0mm
2.85mm


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn