Electronic Components Datasheet Search |
|
S-80810CLPF-B9NTFG Datasheet(PDF) 3 Page - Seiko Instruments Inc |
|
S-80810CLPF-B9NTFG Datasheet(HTML) 3 Page - Seiko Instruments Inc |
3 / 54 page ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR Rev.3.2_00 S-808xxC Series Seiko Instruments Inc. 3 Product Name Structure The detection voltage, output form and packages for S-808xxC Series can be selected at the user's request. Refer to the "1. Product Name" for the construction of the product name and "2. Product Name List" for the full product names. 1. Product Name 1-1. SC-82AB, SOT-23-5, SOT-89-3 packages S-808xx C x xx − xxx − T2 IC detection in tape specifications *1 T2: SC-82AB, SOT-23-5, SOT-89-3 Product code *2 Package code NB: SC-82AB MC: SOT-23-5 UA: SOT-89-3 Output form N: Nch open-drain output (Active Low) L: CMOS output (Active Low) Detection voltage value 08 to 60 (e.g. When the detection voltage is 0.8 V, it is expressed as 08.) *1. Refer to the taping specifications at the end of this book. T2 is the standard. *2. Refer to the Table 1 and 3 in the “2. Product Name List” 1-2. SNT-4A packages S-808xx C x PF − xxx TF G Fixed IC detection in tape specifications *1 TF: SNT-4A Product code *2 Package code PF: SNT-4A Output form N: Nch open-drain output (Active Low) L: CMOS output (Active Low) Detection voltage value 08 to 60 (e.g. When the detection voltage is 0.8 V, it is expressed as 08.) *1. Refer to the taping specifications at the end of this book. TF is the standard. *2. Refer to the Table 2 and 4 in the “2. Product Name List” |
Similar Part No. - S-80810CLPF-B9NTFG |
|
Similar Description - S-80810CLPF-B9NTFG |