Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMS171B Datasheet(PDF) 32 Page - PADAUK Technology.

Part # PMS171B
Description  8bit OTP MCU with 8-bit ADC
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS171B Datasheet(HTML) 32 Page - PADAUK Technology.

Back Button PMS171B Datasheet HTML 28Page - PADAUK Technology. PMS171B Datasheet HTML 29Page - PADAUK Technology. PMS171B Datasheet HTML 30Page - PADAUK Technology. PMS171B Datasheet HTML 31Page - PADAUK Technology. PMS171B Datasheet HTML 32Page - PADAUK Technology. PMS171B Datasheet HTML 33Page - PADAUK Technology. PMS171B Datasheet HTML 34Page - PADAUK Technology. PMS171B Datasheet HTML 35Page - PADAUK Technology. PMS171B Datasheet HTML 36Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
PMS171B
8bit OTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 32 of 92
PDK-DS-PMS171B-EN_V103 – Sep. 2, 2020
(5) .ADJUST_IC
SYSCLK=IHRC/32, IHRC=16MHz, VDD=5V
After boot up, CLKMD = 0x7C:
IHRC frequency is calibrated to 16MHz@VDD=5V and IHRC module is enabled
System CLK = IHRC/32 = 500KHz
Watchdog timer is disabled, ILRC is enabled, PA5 is in input mode
(6) .ADJUST_IC
SYSCLK=ILRC, IHRC=16MHz, VDD=5V
After boot up, CLKMD = 0XE4:
IHRC frequency is calibrated to 16MHz@VDD=5V and IHRC module is disabled
System CLK = ILRC
Watchdog timer is disabled, ILRC is enabled, PA5 is input mode
(7) .ADJUST_IC
DISABLE
After boot up, CLKMD is not changed (Do nothing):
IHRC is not calibrated and IHRC module is disabled
System CLK = ILRC or IHRC/64
Watchdog timer is enabled, ILRC is enabled, PA5 is in input mode
5.4.4. External Crystal Oscillator
If crystal oscillator is used, a crystal or resonator is required between X1 and X2. Fig. 2 shows the hardware
connection under this application; the range of operating frequency of crystal oscillator can be from 32 KHz to
4MHz, depending on the crystal placed on; higher frequency oscillator than 4MHz is NOT supported.
Fig. 2: Connection of crystal oscillator
Besides crystal, external capacitor and options of PMS171B should be fine tuned in eoscr (0x0b) register to
have good sinusoidal waveform. The eoscr.7 is used to enable crystal oscillator module, eoscr.6 and eoscr.5
are used to set the different driving current to meet the requirement of different frequency of crystal oscillator:
eoscr.[6:5]=01 : Low driving capability, for lower frequency, ex: 32KHz crystal oscillator
eoscr.[6:5]=10 : Middle driving capability, for middle frequency, ex: 1MHz crystal oscillator
eoscr.[6:5]=11 : High driving capability, for higher frequency, ex: 4MHz crystal oscillator
PA7/X1
PA6/X2
The values of C1 and C2 should depend on
the specification of crystal.
C1
C2
eoscr.7
(Enable crystal oscillator)
eoscr[6:5]
(Select driving current for oscillator)
System clock = EOSC
PA7/X1
PA6/X2
System clock = EOSC
PA7/X1
PA6/X2
The values of C1 and C2 should depend on
the specification of crystal.
C1
C2
eoscr.7
(Enable crystal oscillator)
eoscr[6:5]
(Select driving current for oscillator)
System clock = EOSC
PA7/X1
PA6/X2
System clock = EOSC


Similar Part No. - PMS171B

ManufacturerPart #DatasheetDescription
logo
ETA-USA
PMS10-05SC05-NG ETA-USA-PMS10-05SC05-NG Datasheet
490Kb / 4P
   DC/DC SWITCHING POWER SUPPLY DC INPUT 5,24 SINGLE OUTPUT 10 WATTS
PMS10-05SC24-NG ETA-USA-PMS10-05SC24-NG Datasheet
490Kb / 4P
   DC/DC SWITCHING POWER SUPPLY DC INPUT 5,24 SINGLE OUTPUT 10 WATTS
PMS10-12SC05-NG ETA-USA-PMS10-12SC05-NG Datasheet
490Kb / 4P
   DC/DC SWITCHING POWER SUPPLY DC INPUT 5,24 SINGLE OUTPUT 10 WATTS
PMS10-12SC24-NG ETA-USA-PMS10-12SC24-NG Datasheet
490Kb / 4P
   DC/DC SWITCHING POWER SUPPLY DC INPUT 5,24 SINGLE OUTPUT 10 WATTS
PMS10-15SC24-NG ETA-USA-PMS10-15SC24-NG Datasheet
490Kb / 4P
   DC/DC SWITCHING POWER SUPPLY DC INPUT 5,24 SINGLE OUTPUT 10 WATTS
More results

Similar Description - PMS171B

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PMS132 PADAUK-PMS132 Datasheet
1Mb / 100P
   8bit OTP MCU with 12-bit ADC
PMS133 PADAUK-PMS133 Datasheet
2Mb / 106P
   8bit OTP MCU with 12-bit ADC
PFS173 PADAUK-PFS173 Datasheet
2Mb / 105P
   8bit MTP Type MCU with 8-bit ADC
PFS172 PADAUK-PFS172 Datasheet
1Mb / 92P
   8bit MTP Type MCU with 8-bit ADC
logo
Core Technology (Shenzh...
CSU8RP3218 CHIPSEA-CSU8RP3218 Datasheet
3Mb / 130P
   12-bit ADC 8 - bit RISC OTP MCU
CSU8RP3425 CHIPSEA-CSU8RP3425 Datasheet
1Mb / 96P
   12-bit ADC 8 - bit RISC OTP MCU
CSU8RP3215 CHIPSEA-CSU8RP3215 Datasheet
3Mb / 132P
   12-bit ADC 8 RISC OTP MCU
CSU32P10 CHIPSEA-CSU32P10 Datasheet
2Mb / 89P
   12-bit ADC 8 RISC OTP MCU
CSU32P20 CHIPSEA-CSU32P20 Datasheet
4Mb / 136P
   12-bit ADC 8 RISC OTP MCU
CSU8RP3427 CHIPSEA-CSU8RP3427 Datasheet
1Mb / 100P
   12 - bit ADC 8 - bit RISC OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com