Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMS171B Datasheet(PDF) 49 Page - PADAUK Technology.

Part # PMS171B
Description  8bit OTP MCU with 8-bit ADC
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PMS171B Datasheet(HTML) 49 Page - PADAUK Technology.

Back Button PMS171B Datasheet HTML 45Page - PADAUK Technology. PMS171B Datasheet HTML 46Page - PADAUK Technology. PMS171B Datasheet HTML 47Page - PADAUK Technology. PMS171B Datasheet HTML 48Page - PADAUK Technology. PMS171B Datasheet HTML 49Page - PADAUK Technology. PMS171B Datasheet HTML 50Page - PADAUK Technology. PMS171B Datasheet HTML 51Page - PADAUK Technology. PMS171B Datasheet HTML 52Page - PADAUK Technology. PMS171B Datasheet HTML 53Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
PMS171B
8bit OTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 49 of 92
PDK-DS-PMS171B-EN_V103 – Sep. 2, 2020
//-------Following codes can be for reference when user needs switch duty cycle ----------
//------ Switching PWM_pulse -------------------
While (1)
{
While(tm2ct!=0)
{}
//
Wait till tm2ct=0 to avoid noise
TM2B
=
PWM_Pulse_a - 1;
TM3B
=
PWM_Pulse_a + 2 * dead_zone - 1;
.delay
t_delay*2;
While(tm2ct!=0)
{}
TM2B
=
PWM_Pulse_b - 1;
TM3B
=
PWM_Pulse_b + 2 * dead_zone - 1;
.delay
t_delay*2;
}
}
The following figures show the waveforms at different condition.
1. The PWM waveforms in a fixed-duty cycle:
Fig. 13: Two complementary PWM waveforms with dead zones
TM2
TM3
Dead time
30us.


Similar Part No. - PMS171B

ManufacturerPart #DatasheetDescription
logo
ETA-USA
PMS10-05SC05-NG ETA-USA-PMS10-05SC05-NG Datasheet
490Kb / 4P
   DC/DC SWITCHING POWER SUPPLY DC INPUT 5,24 SINGLE OUTPUT 10 WATTS
PMS10-05SC24-NG ETA-USA-PMS10-05SC24-NG Datasheet
490Kb / 4P
   DC/DC SWITCHING POWER SUPPLY DC INPUT 5,24 SINGLE OUTPUT 10 WATTS
PMS10-12SC05-NG ETA-USA-PMS10-12SC05-NG Datasheet
490Kb / 4P
   DC/DC SWITCHING POWER SUPPLY DC INPUT 5,24 SINGLE OUTPUT 10 WATTS
PMS10-12SC24-NG ETA-USA-PMS10-12SC24-NG Datasheet
490Kb / 4P
   DC/DC SWITCHING POWER SUPPLY DC INPUT 5,24 SINGLE OUTPUT 10 WATTS
PMS10-15SC24-NG ETA-USA-PMS10-15SC24-NG Datasheet
490Kb / 4P
   DC/DC SWITCHING POWER SUPPLY DC INPUT 5,24 SINGLE OUTPUT 10 WATTS
More results

Similar Description - PMS171B

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PMS132 PADAUK-PMS132 Datasheet
1Mb / 100P
   8bit OTP MCU with 12-bit ADC
PMS133 PADAUK-PMS133 Datasheet
2Mb / 106P
   8bit OTP MCU with 12-bit ADC
PFS173 PADAUK-PFS173 Datasheet
2Mb / 105P
   8bit MTP Type MCU with 8-bit ADC
PFS172 PADAUK-PFS172 Datasheet
1Mb / 92P
   8bit MTP Type MCU with 8-bit ADC
logo
Core Technology (Shenzh...
CSU8RP3218 CHIPSEA-CSU8RP3218 Datasheet
3Mb / 130P
   12-bit ADC 8 - bit RISC OTP MCU
CSU8RP3425 CHIPSEA-CSU8RP3425 Datasheet
1Mb / 96P
   12-bit ADC 8 - bit RISC OTP MCU
CSU8RP3215 CHIPSEA-CSU8RP3215 Datasheet
3Mb / 132P
   12-bit ADC 8 RISC OTP MCU
CSU32P10 CHIPSEA-CSU32P10 Datasheet
2Mb / 89P
   12-bit ADC 8 RISC OTP MCU
CSU32P20 CHIPSEA-CSU32P20 Datasheet
4Mb / 136P
   12-bit ADC 8 RISC OTP MCU
CSU8RP3427 CHIPSEA-CSU8RP3427 Datasheet
1Mb / 100P
   12 - bit ADC 8 - bit RISC OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com