Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT16823DT Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI74FCT16823DT
Description  Fast CMOS 18-Bit Registers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT16823DT Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI74FCT16823DT Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT16823DT Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT16823DT Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT16823DT Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT16823DT Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT16823DT Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT16823DT Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT16823DT Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PI74FCT16823T/162823/162H823T
18-BIT REGISTERS
8
PS2040A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT162H823T Switching Characteristics over Operating Range
162H823AT
162H823BT
1628H23CT
162H823DT
162H823ET
Com.
Com.
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tPLH
PropagationDelay
CL = 50 pF
1.5
10.0
1.5
7.5
1.5
6.0
1.5
5.0
1.5
4.4
ns
tPHL
X
CLK to XQX
RL = 500
CL = 300 pF(3)
1.5
20.0
1.5
15.0
1.5
12.5
1.5
8.5
1.5
8.0
ns
RL = 500
tPHL
PropagationDelay
CL = 50 pF
1.5
14.0
1.5
9.0
1.5
8.0
1.5
5.0
1.5
4.4
ns
X
CLR to XQX
RL = 500
tPZH
OutputEnableTime
CL = 50 pF
1.5
12.0
1.5
8.0
1.5
7.0
1.5
4.8
1.5
4.4
ns
tPZL
X
OE to XQX
RL = 500
CL = 300 pF(3)
1.5
23.0
1.5
15.0
1.5
12.5
1.5
10.0
1.5
9.0
ns
RL = 500
tPHZ
OutputDisableTime(3)
CL = 5 pF(3)
1.5
7.0
1.5
6.5
1.5
6.2
1.5
5.0
1.5
4.0
ns
tPLZ
X
OE to XQX
RL = 500
CL = 50 pF
1.5
8.0
1.5
7.5
1.5
6.5
1.5
5.0
1.5
4.0
ns
RL = 500
tSU
SetupTimeHIGHor
CL = 50 pF
4.0
3.0
3.0
3.0
1.5
ns
LOW,XDX toXCLK
RL = 500
tH
HoldTimeHIGHor
2.0
1.5
1.5
1.5
0
ns
LOW,XDX toXCLK
tSU
SetupTimeHIGHor
4.0
3.0
3.0
3.0
2.5
ns
LOW,XCLKENtoXCLK
tH
HoldTimeHIGHor
2.0
0
0
0
0
ns
LOW,XCLKENtoXCLK
tW
xCLKPulseWidth
7.0
6.0
6.0
6.0
3.0
ns
HIGHorLOW(3)
tW
xCLR Pulse Width LOW(3)
6.0
6.0
6.0
6.0
3.0
ns
tREM
RecoveryTime(3)
6.0
6.0
6.0
6.0
3.0
ns
X
CLR to XCLK
tSK(O)
OutputSkew(4)
0.5
0.5
0.5
0.5
0.5
ns
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.
4. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com


Similar Part No. - PI74FCT16823DT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT16827 PERICOM-PI74FCT16827 Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
PI74FCT16827AT PERICOM-PI74FCT16827AT Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
PI74FCT16827BT PERICOM-PI74FCT16827BT Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
PI74FCT16827CT PERICOM-PI74FCT16827CT Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
PI74FCT16827DT PERICOM-PI74FCT16827DT Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
More results

Similar Description - PI74FCT16823DT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16823T TI1-CY74FCT16823T_15 Datasheet
993Kb / 16P
[Old version datasheet]   18-Bit Registers
CY74FCT16823T TI-CY74FCT16823T Datasheet
69Kb / 8P
[Old version datasheet]   18-Bit Registers
logo
Integrated Device Techn...
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT16823AT IDT-IDT74FCT16823AT Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
logo
Renesas Technology Corp
IDT74FCT162823AT RENESAS-IDT74FCT162823AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTER
SEPTEMBER 2009
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Renesas Technology Corp
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com