Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEM03-05S33 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TEM03-05S33
Description  TEM03 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TEM03-05S33 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TEM03-05S33 Datasheet HTML 1Page - List of Unclassifed Manufacturers TEM03-05S33 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Voltage Range
Output
Current
Input
Current (6)
Eff
(7)
(%)
Capacitor(8)
Load max
TEM03-05S33
4.5 – 9 VDC
3.3 VDC
2.84 – 3.67 VDC
600 mA
656 mA
65
3300 uF
TEM03-05S05
4.5 – 9 VDC
5 VDC
4.3 – 6 VDC
600 mA
909 mA
70
1500 uF
TEM03-05S12
4.5 – 9 VDC
12 VDC
12 – 15 VDC
250 mA
883 mA
72
700 uF
TEM03-05D12
4.5 – 9 VDC
I12 VDC
I12 – I15 VDC
I125 mA
883 mA
72
I250 uF
TEM03-12S33
9 – 18 VDC
3.3 VDC
2.84 – 3.67 VDC
600 mA
253 mA
70
3300 uF
TEM03-12S05
9 – 18 VDC
5 VDC
4.3 – 6 VDC
600 mA
352 mA
75
1500 uF
TEM03-12S12
9 – 18 VDC
12 VDC
12 – 15 VDC
250 mA
343 mA
77
700 uF
TEM03-12D12
9 – 18 VDC
I12 VDC
I12 – I15 VDC
I125 mA
343 mA
77
I250 uF
TEM03-24S33
18 – 36 VDC
3.3 VDC
2.84 – 3.67 VDC
600 mA
126 mA
70
3300 uF
TEM03-24S05
18 – 36 VDC
5 VDC
4.3 – 6 VDC
600 mA
176 mA
75
1500 uF
TEM03-24S12
18 – 36 VDC
12 VDC
12 – 15 VDC
250 mA
169 mA
78
700 uF
TEM03-24D12
18 – 36 VDC
I12 VDC
I12 – I15 VDC
I125 mA
169 mA
78
I250 uF
TEM03-48S33
36 – 75 VDC
3.3 VDC
2.84 – 3.67 VDC
600 mA
63 mA
70
3300 uF
TEM03-48S05
36 – 75 VDC
5 VDC
4.3 – 6 VDC
600 mA
88 mA
75
1500 uF
TEM03-48S12
36 – 75 VDC
12 VDC
12 – 15 VDC
250 mA
85 mA
78
700 uF
TEM03-48D12
36 – 75 VDC
I12 VDC
I12 – I15 VDC
I125 mA
85 mA
78
I250 uF
Note
1.
The follow output voltage can be outputted by connecting this terminal to an output + or – terminal. Unless the output voltage is adjusted, this terminal
should be open.
2.
In addition, the voltage can be adjusted not by shorting these terminals, but by connecting them to resistances as shown below.
3.
Arithmetic expression connected resistance: R ( K
)
3-1 Vo=(3.3*R+36.7)/(R+10)
3-2 Vo=(3.3*R+36.7)/(R+12.92)
3-3 Vo=2.5*[2+2.7/(R+6.8)]
3-4 Vo=2.5*[2-2.7/(R+9.5)]
3-5 Vo=2.5+9.5(R+10.9)/(R+8.2)
3-6 Vo=2.5+22*(R+12.7)/(R+10)(Between two outputs)
4.
Bellcore TR-NWT-000332. Case1:50% Stress, temperature at 40ºC.
(Ground fixed and controlled environment)
5.
The filter capacitor recommended use “ CHEMICON “ KMF series
or equivalent impedance at 0.16 ~ 0.33
( 100KHz 20
)
6.
Maximum value at nominal input voltage and full load.
7.
Typical value at nominal input voltage and full load.
8.
Test by minimum Vin and constant resistor load.
PIN CONNECTION
PIN
SINGLE
1
+ Vi
2
- Vi
3
NC
4
- Vo
5
Vset
6
+ Vo
DUAL
+ Vi
- Vi
- Vo
COM
Vset
+ Vo
30 40 50 60 70 80
-20
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
Derating Curve
Nature convection
4(3)
5(5)
TRIM UP
5(5)
6(6)
TRIM DOWN
Output can be externally trimmed by
using the method shown below.
(
) for dual output trim
EXTERNAL OUTPUT TRIMMING
RU
RD
ALL DIMENSIONS IN INCHES (mm)
PIN PITCH TOLERANCE
I0.014(0.35)
BOTTOM
VIEW


Similar Part No. - TEM03-05S33

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
TEM03-05S33 P-DUKE-TEM03-05S33 Datasheet
280Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
TEM03-05S33 RSG-TEM03-05S33 Datasheet
173Kb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - TEM03-05S33

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com