Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2301AIDGKT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2301AIDGKT
Description  Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2301AIDGKT Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2301AIDGKT Datasheet HTML 6Page - Texas Instruments OPA2301AIDGKT Datasheet HTML 7Page - Texas Instruments OPA2301AIDGKT Datasheet HTML 8Page - Texas Instruments OPA2301AIDGKT Datasheet HTML 9Page - Texas Instruments OPA2301AIDGKT Datasheet HTML 10Page - Texas Instruments OPA2301AIDGKT Datasheet HTML 11Page - Texas Instruments OPA2301AIDGKT Datasheet HTML 12Page - Texas Instruments OPA2301AIDGKT Datasheet HTML 13Page - Texas Instruments OPA2301AIDGKT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
OPA300, OPA2300
OPA301, OPA2301
SBOS271B − MAY 2003 − REVISED JUNE 2005
www.ti.com
10
APPLICATIONS INFORMATION
The OPA300 and OPA301 series of single-supply
CMOS op amps are designed to interface with
high-speed 16-bit analog-to-digital converters (ADCs).
Featuring wide 150MHz bandwidth, fast 150ns settling
time to 16 bits, and high open loop gain, this series
offers excellent performance in a small SO-8 and tiny
SOT23 packages.
THEORY OF OPERATION
The OPA300 and OPA301 series op amps use a classic
two-stage topology, shown in Figure 1. The differential
input pair is biased to maximize slew rate without
compromising stability or bandwidth. The folded
cascode adds the signal from the input pair and
presents a differential signal to the class AB output
stage. The class AB output stage allows rail- to-rail
output
swing,
with
high-impedance
loads
(> 2k
Ω), typically 100mV from the supply rails. With 10Ω
loads, a useful output swing can be achieved and still
maintain high
open-loop
gain.
See
the
typical
characteristic Output Voltage Swing vs Output Current.
+VS
V
BIAS
+
V
IN
V
OUT
Figure 1. OPA30x Classic Two-Stage Topology
OPERATING VOLTAGE
OPA300/OPA301 series op amp parameters are fully
specified from +2.7V to +5.5V. Supply voltages higher
than 5.5V (absolute maximum) can cause permanent
damage to the amplifier. Many specifications apply from
–40
°C to +125°C. Parameters that vary significantly
with operating voltages or temperature are shown in the
Typical Characteristics.
PCB LAYOUT
As with most high-speed operational amplifiers, board
layout requires special attention to maximize AC and
DC performance. Extensive use of ground planes, short
lead lengths, and high-quality bypass capacitors will
minimize leakage that can compromise signal quality.
Guard rings applied with potential as near to the input
pins as possible help minimize board leakage.
INPUT AND ESD PROTECTION
All OPA300/OPA301 series op amps’ pins are static-
protected with internal ESD protection diodes tied to the
supplies, as shown in Figure 2. These diodes will
provide overdrive protection if the current is externally
limited to 10mA, as stated in the Absolute Maximum
Ratings. Any input current beyond the Absolute
Maximum Ratings, or long-term operation at maximum
ratings, will shorten the lifespan of the amplifier.
External
Pin
+V
−V
Internal
Circuitry
Figure 2. ESD Protection Diodes
ENABLE FUNCTION
The shutdown function of the OPA300 and OPA2300 is
referenced to the negative supply voltage of the
operational amplifier. A logic level HIGH enables the op
amp. A valid logic HIGH is defined as 2.5V above the
negative supply applied to the enable pin. A valid logic
LOW is defined as < 0.8V above the negative supply
pin. If dual or split power supplies are used, care should
be taken to ensure logic input signals are properly
referred to the negative supply voltage. If this pin is not
connected to a valid high or low voltage, the internal
circuitry will pull the node high and enable the part to
function.
The logic input is a high-impedance CMOS input. For
battery-operated applications, this feature may be used
to greatly reduce the average current and extend
battery life. The enable time is 10
µs; disable time is 1µs.
When disabled, the output assumes a high-impedance
state. This allows the OPA300 to be operated as a gated
amplifier, or to have its output multiplexed onto a
common analog output bus.


Similar Part No. - OPA2301AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2301AIDGKT TI1-OPA2301AIDGKT Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA2301AIDGKTG4 TI1-OPA2301AIDGKTG4 Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2301AIDGKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA300 BURR-BROWN-OPA300 Datasheet
302Kb / 15P
   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA725 TI1-OPA725 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
AD8021 AD-AD8021_15 Datasheet
663Kb / 29P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com