Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN78060AAZ Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78060AAZ
Description  15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78060AAZ Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTN78060AAZ Datasheet HTML 4Page - Texas Instruments PTN78060AAZ Datasheet HTML 5Page - Texas Instruments PTN78060AAZ Datasheet HTML 6Page - Texas Instruments PTN78060AAZ Datasheet HTML 7Page - Texas Instruments PTN78060AAZ Datasheet HTML 8Page - Texas Instruments PTN78060AAZ Datasheet HTML 9Page - Texas Instruments PTN78060AAZ Datasheet HTML 10Page - Texas Instruments PTN78060AAZ Datasheet HTML 11Page - Texas Instruments PTN78060AAZ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
APPLICATION INFORMATION
Adjusting the Output Voltage of the PTN78060A Wide-Output Adjust Power Modules
General
R
= 54.9 k
SET
W ´
1.25 V
|
|
V
- 3 V
O
- 5.62 kW
(1)
Input Voltage Considerations
GND
GND
PTN78060A
6
1, 7
2
Adj
GND
4
+
+
C2
C1
RSET
0.05 W
1%
C3
V
O
V
O
V
I
V
I
PTN78060A
SLTS245A – APRIL 2005 – REVISED MAY 2005
A resistor must be connected directly between the VO Adjust control (pin 4) and the output voltage (pin 7) to set
the output voltage lower than –3 V. The adjustment range is from –15 V to –3 V. If pin 4 is left open, the output
voltage defaults to the highest value, –3 V.
Table 1 gives the standard resistor value for a number of common voltages, and with the actual output voltage
that the value produces. For other output voltages, the resistor value can either be calculated using the following
formula, or simply selected from the range of values given in Table 2. Figure 18 shows the placement of the
required resistor.
The PTN78060A is a buck-boost switching regulator. In order that the output remains in regulation, the input
voltage must not exceed the output by a maximum differential voltage.
Another consideration is the pulse width modulation (PWM) range of the regulator's internal control circuit. For
stable operation, its operating duty cycle should not be lower than some minimum percentage. This defines the
maximum advisable ratio between the regulator's input and output voltage magnitudes.
For satisfactory performance, the maximum operating input voltage range must be equal to (32 – |VO|) volts.
As an example, Table 1 gives the operating input voltage range for the common output bus voltages. In addition,
the Electrical Characteristics define the available output voltage adjust range for various input voltages.
Table 1. Standard Values of Rset for Common Output
Voltages
VO
RSET
VO
Operating
(Required)
(Standard Value)
(Actual)
VI Range
–15 V
100
–14.997 V
9 V to 17 V
–12 V
2 k
–12.006 V
9 V to 20 V
–5 V
28.7 k
–5.000 V
9 V to 27 V
–3.3 V
221 k
–3.303 V
9 V to 28.7 V
(1)
A 0.05-W rated resistor may be used. The tolerance should be 1%, with a temperature stability of 100 ppm/°C (or
better). Place the resistor as close to the regulator as possible. Connect the resistor directly between pins 4 and 7
using dedicated PCB traces.
(2)
Never connect capacitors from VO Adjust to either GND or VO. Any capacitance added to the VO Adjust pin affects the
stability of the regulator.
Figure 18. VO Adjust Resistor Placement
8


Similar Part No. - PTN78060AAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78060A TI-PTN78060A_15 Datasheet
553Kb / 19P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
More results

Similar Description - PTN78060AAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78060A TI-PTN78060A_15 Datasheet
553Kb / 19P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78020A TI-PTN78020A Datasheet
1Mb / 19P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78020A TI-PTN78020A_15 Datasheet
473Kb / 20P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
logo
National Semiconductor ...
LH7001 NSC-LH7001 Datasheet
358Kb / 10P
   POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137K SEME-LAB-IP137K Datasheet
305Kb / 7P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com