Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT162H823BT Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74FCT162H823BT
Description  Fast CMOS 18-Bit Registers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT162H823BT Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74FCT162H823BT Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT162H823BT Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT162H823BT Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT162H823BT Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT162H823BT Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT162H823BT Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT162H823BT Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT162H823BT Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PI74FCT16823T/162823/162H823T
18-BIT REGISTERS
3
PS2040A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5.0V ± 10%)
Parameters Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current
Standard Input, VCC = Max.
VIN = VCC
1µA
IIH
Input HIGH Current
Standard I/O, VCC = Max.
VIN = VCC
1µA
IIH
Input HIGH Current
Bus Hold Input(4), VCC = Max.
VIN = VCC
±100
µA
IIH
Input HIGH Current
Bus Hold I/O(4), VCC = Max.
VIN = VCC
±100
µA
IIL
Input LOW Current
Standard Input, VCC = Min.
VIN = GND
–1
µA
IIL
Input LOW Current
Standard I/O, VCC = Min.
VIN = GND
–1
µA
IIL
Input LOW Current
Bus Hold Input(4), VCC = Min.
VIN = GND
±100
µA
IIL
Input LOW Current
Bus Hold I/O(4), VCC = Min.
VIN = GND
±100
µA
IBHH
Bus Hold
Bus Hold Input(4), VCC = Min.
VIN = 2.0V
–50
µA
IBHL
Sustain Current
VIN = 0.8V
+50
IOZH(5)
High-Impedance
VCC = Max.
VOUT = 2.7V
1
µA
IOZL(5)
Output Current
VCC = Max.
VOUT = 0.5V
–1
µA
(3-STATE OUTPUTS)
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max.(3), VOUT = GND
–80
–140
–200
mA
IO
Output Drive Current
VCC = Max.(3), VOUT = 2.5V
–50
–180
mA
VH
Input Hysteresis
100
mV
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature .................................................................... –65°C to +150°C
Ambient Temperature with Power Applied .................................... –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) .............. –0.5Vto+7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ........... –0.5Vto +7.0V
DC Input Voltage ............................................................................ –0.5Vto+7.0V
DC Output Current ..................................................................................... 120mA
Power Dissipation .......................................................................................... 1.0W
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions above those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute maximum rating conditions for
extended periods may affect reliability.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Pins with Bus Hold are identified in the pin description.
5. This specification does not apply to bi-directional functionalities with Bus Hold.


Similar Part No. - PI74FCT162H823BT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162H827AT PERICOM-PI74FCT162H827AT Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
PI74FCT162H827BT PERICOM-PI74FCT162H827BT Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
PI74FCT162H827CT PERICOM-PI74FCT162H827CT Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
PI74FCT162H827DT PERICOM-PI74FCT162H827DT Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
PI74FCT162H827ET PERICOM-PI74FCT162H827ET Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
More results

Similar Description - PI74FCT162H823BT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16823T TI1-CY74FCT16823T_15 Datasheet
993Kb / 16P
[Old version datasheet]   18-Bit Registers
CY74FCT16823T TI-CY74FCT16823T Datasheet
69Kb / 8P
[Old version datasheet]   18-Bit Registers
logo
Integrated Device Techn...
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT16823AT IDT-IDT74FCT16823AT Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
logo
Renesas Technology Corp
IDT74FCT162823AT RENESAS-IDT74FCT162823AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTER
SEPTEMBER 2009
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Renesas Technology Corp
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com