Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS394EWP Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PS394EWP
Description  Precision, Quad, SPDT, 17V Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS394EWP Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PS394EWP Datasheet HTML 1Page - Pericom Semiconductor Corporation PS394EWP Datasheet HTML 2Page - Pericom Semiconductor Corporation PS394EWP Datasheet HTML 3Page - Pericom Semiconductor Corporation PS394EWP Datasheet HTML 4Page - Pericom Semiconductor Corporation PS394EWP Datasheet HTML 5Page - Pericom Semiconductor Corporation PS394EWP Datasheet HTML 6Page - Pericom Semiconductor Corporation PS394EWP Datasheet HTML 7Page - Pericom Semiconductor Corporation PS394EWP Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS394
Precision, Quad, SPDT, 17VAnalog Switch
8
PS8444
01/13/00
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Figure6.ChargeInjection
Figure 7. Off Isolation
+5V
V+
GND
V–
–5V
IN_
IN_
NC or NO
COM_
RGEN
VGEN
CL
10nF
V0
V0
∆V0
ON
ON
OFF
Q = (
∆V0)(CL)
GND
V–
–5V
IN_
NC_ or
NO_
COM_
C
C
C = 5pF
+5V
V+
RL
50
Signal
Generator
Analyzer
CH A
CH B
0V,
2.4V
y
c
n
e
u
q
e
r
F
d
e
t
s
e
T
l
a
n
g
i
S
r
o
t
a
r
e
n
e
G
r
e
z
y
l
a
n
A
z
H
M
1
ci
t
a
m
o
t
u
A
r
e
zi
s
e
h
t
n
y
S
g
n
i
k
c
a
r
T
m
u
rt
c
e
p
S
r
e
z
y
l
a
n
A
VISO=20LOG
VCOM
VNC or VNO
r
e
b
m
u
N
t
r
a
Pe
g
n
a
R
e
r
u
t
a
r
e
p
m
e
Te
g
a
k
c
a
P
-
n
i
P
P
P
C
4
9
3
S
PC
°
0
7
+
o
t
C
°
0P
I
D
ci
t
s
al
P
n
i
p
-
0
2
P
W
C
4
9
3
S
PC
°
0
7
+
o
t
C
°
0O
S
e
d
i
W
n
i
p
-
0
2
P
P
E
4
9
3
S
PC
°
5
8
+
o
t
C
°
0
4
–P
I
D
ci
t
s
al
P
n
i
p
-
0
2
P
W
E
4
9
3
S
PC
°
5
8
+
o
t
C
°
0
4
–O
S
e
d
i
W
n
i
p
-
0
2
OrderingInformation


Similar Part No. - PS394EWP

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391 PERICOM-PS391 Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
More results

Similar Description - PS394EWP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
logo
Maxim Integrated Produc...
MAX333A MAXIM-MAX333A Datasheet
110Kb / 8P
   Precision, Quad, SPDT, CMOS Analog Switch
Rev 1; 6/99
logo
Pericom Semiconductor C...
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Pericom Semiconductor C...
PS381 PERICOM-PS381 Datasheet
528Kb / 9P
   Precision, 17V Analog Switches
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com