Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN78060A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78060A
Description  15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78060A Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTN78060A Datasheet HTML 7Page - Texas Instruments PTN78060A Datasheet HTML 8Page - Texas Instruments PTN78060A Datasheet HTML 9Page - Texas Instruments PTN78060A Datasheet HTML 10Page - Texas Instruments PTN78060A Datasheet HTML 11Page - Texas Instruments PTN78060A Datasheet HTML 12Page - Texas Instruments PTN78060A Datasheet HTML 13Page - Texas Instruments PTN78060A Datasheet HTML 14Page - Texas Instruments PTN78060A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
Designing for Load Transients
PTN78060A
SLTS245A – APRIL 2005 – REVISED MAY 2005
The transient response of the dc/dc converter has been characterized using a load transient with a di/dt of
1 A/µs. The typical voltage deviation for this load transient is given in the data sheet specification table using the
required value of output capacitance. As the di/dt of a transient is increased, the response of a converter's
regulation circuit ultimately depends on its output capacitor decoupling network. This is an inherent limitation of
any dc/dc converter once the speed of the transient exceeds its bandwidth capability. If the target application
specifies a higher di/dt or lower voltage deviation, the requirement can only be met with additional output
capacitor decoupling. In these cases, special attention must be paid to the type, value, and ESR of the
capacitors selected.
If the transient performance requirements exceed those specified in the data sheet, the selection of output
capacitors becomes more important. Review the minimum ESR in the characteristic data sheet for details on the
capacitance maximum.
Table 3. Recommended Input/Output Capacitors
CAPACITOR CHARACTERISTICS
QUANTITY
85°C
CAPACITOR VENDOR/
EQUIVALENT
VENDOR
WORKING
MAXIMUM
PHYSICAL
COMPONENT
VALUE
SERIES
INPUT
OUTPUT
NUMBER
VOLTAGE
RIPPLE
SIZE
SERIES
(µF)
RESISTANCE
BUS
BUS
(V)
CURRENT
(mm)
(ESR) (
Ω)
(IRMS) (mA)
FC( Radial)
35
100
0.117
555
8 x 11,5
≥1
1
EEUFC1V01
FC (SMD)
35
100
0.015
670
10 x10,2
≥1
1
EEVFC1V101P
United Chemi-Con PXA (SMD)
16
180
0.016
4360
8 x 12
≤1
PXA16VC180MF60 (VI, |VO| <
≥1 (1)
14 V)
PS
25
100
0.020
4300
10 x 12,5
≥1 (1)
≤ 1
10PS100MJ12 (VI < 22V)
LXZ
50
100
0.22
485
8 x 12,5
≥1 (1)
1
LXZ50VB101M8X12LL
MVY(SMD)
50
100
0.300
500
10 x 10
≥1
1
MVY50VC101M10X10TP
Nichicon UWG (SMD)
50
100
0.300
500
10 x 10
≥1
1
UWG1H101MNR1GS
F550 (Tantalum)
10
100
0.055
2000
7,7 x 4,3
N/R (1)
≤ 3(2)
F551A107MN (|VO| ≤ 5 V)
HD
50
120
0.072
979
10 x12,5
≥1
1
UHD1H151MHR
Sanyo Os-Con SVP (SMD)
20
100
0.024
2500
8 x 12
≥1 (1)
≤ 1
20SVP100M (VI ≤ 16 V)
SP
16
100
0.032
2890
10 x 5
≥ 1 (1)
≤ 1
16SP100M (VI, |VO| ≤ 14 V)
20
100
0.085
1543
7,3 L x 4,3
N/R (3)
≤ 3
TPSV107M020R0085
W x 4,1 H
(|VO| ≤ 10 V)
AVX Tantalum TPS (SMD)
20
100
0.200
> 817
N/R (3)
≤ 3
TPSE107M020R0200
(|VO| ≤ 10 V)
Murata X5R Ceramic
16
47
0.002
>1000
3225
≥3 (1)
≤ 3
GRM32ER61C476M
(VI, |VO| ≤ 13.5 V)
Murata X5R Ceramic
6.3
47
0.002
>1000
3225
N/R (1)
≤ 3
GRM42-2X5R476M6.3
(|VO| ≤ 5.5 V)
TDK X7R Ceramic
25
2.2
0.002
>1000
3225
≥ 6 (4)
1
C3225X7R1E225KT/MT
(VI ≤ 20 V)
Murata X7R Ceramic
25
2.2
0.002
>1000
3225
≥ 6 (4)
1
GRM32RR71E225K
(VI ≤ 20 V)
Kemet X7R Ceramic
25
2.2
0.002
>1000
3225
≥ 6 (4)
1
C1210C225K3RAC
(VI ≤ 20 V)
AVX X7R Ceramic
25
2.2
0.002
>1000
3225
≥ 6 (4)
1
C12103C225KAT2A
(VI ≤ 20 V)
Murata X7R Ceramic
50
4.7
0.002
>1000
3225
≥ 3
1
GRM32ER71H475KA88L
TDK X7R Ceramic
50
2.2
0.002
>1000
3225
≥ 6
1
C3225X7R1H225KT
Murata Radial Through-hole
50
2.2
0.004
>1000
10 H x 10 W
≥ 6
1
RPER71H2R2KK6F03
x 4 D
(1)
The voltage rating of the input capacitor must be selected for the desired operating input voltage range of the regulator. To operate the
regulator at a higher input voltage, select a capacitor with the next higher voltage rating.
(2)
The maximum voltage rating of the capacitor must be selected for the desired set-point voltage (VO ). To operate at a higher output
voltage, select a capacitor with a higher voltage rating.
(3)
Not recommended (N/R). The voltage rating does not meet the minimum operating limits in most applications.
(4)
The maximum rating of the ceramic capacitor limits the regulator's operating input voltage to 20 V. Select an alternative ceramic
component to operate at a higher input voltage.
11


Similar Part No. - PTN78060A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78060A TI-PTN78060A_15 Datasheet
553Kb / 19P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
More results

Similar Description - PTN78060A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78060A TI-PTN78060A_15 Datasheet
553Kb / 19P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78020A TI-PTN78020A Datasheet
1Mb / 19P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78020A TI-PTN78020A_15 Datasheet
473Kb / 20P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
logo
National Semiconductor ...
LH7001 NSC-LH7001 Datasheet
358Kb / 10P
   POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137K SEME-LAB-IP137K Datasheet
305Kb / 7P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com