Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB78560A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTB78560A
Description  30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTB78560A Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTB78560A Datasheet HTML 3Page - Texas Instruments PTB78560A Datasheet HTML 4Page - Texas Instruments PTB78560A Datasheet HTML 5Page - Texas Instruments PTB78560A Datasheet HTML 6Page - Texas Instruments PTB78560A Datasheet HTML 7Page - Texas Instruments PTB78560A Datasheet HTML 8Page - Texas Instruments PTB78560A Datasheet HTML 9Page - Texas Instruments PTB78560A Datasheet HTML 10Page - Texas Instruments PTB78560A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
1
2
3
4
11
9
7
5
10
8
6
PTB78560x
(Top View)
NEN
Track
PEN
VO Seq
+Sense
−Sense
VO Bus
+VI
VO Adjust
VO COM
VI
PTB78560A, PTB78560B
PTB78560C
SLTS249–JUNE 2005
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
The positive input for the module with respect to -VI. When powering the module from a negative input voltage,
+VI(1)
1
this input is connected to the input source ground.
The negative input supply for the module, and the 0-V reference for the PEN and NEN enable inputs. When
-VI(1)
4
powering the module from a positive source, this input is connected to the input source return.
An open-collector (open-drain) positive logic input that is referenced to -VI. When this input is pulled to -VI
PEN (1)
2
potential the converter output is disabled. This input must be open circuit for the converter to operate. The
converter then produces an output whenever a valid input source is applied.
An open-collector (open-drain) negative logic input that is referenced to -VI. This input must be pulled to -VI
potential to enable the converter. When the input is open circuit, the converter output is disabled. If the enable
NEN (1)(2)
3
feature is not used, this input should be permanently connected to -VI. The module then produces an output
whenever a valid input source is applied.
This is the positive power output with respect to VO COM, and the main output from the converter. It is dc isolated
from the input power pins and produces a valid output voltage approximately 20 ms before the voltage at the
VO Bus
10
Track terminal is allowed to rise. This provides the required standby power source to any downstream nonisolated
modules in power-up sequencing applications.
This is a sequenced output voltage from the converter that is controlled by the Track terminal during power-up
transitions. It is only available to the PTB78560B, and used with the output voltage set to 3.3 V (an I/O supply
VO Seq
11
voltage). During power up, the voltage at VO Seq rises with the Track terminal, typically 20 ms after the VO Bus
output has reached regulation.
This is the output power return for both the VO Bus and VO Seq output voltages. This terminal should be
VO COM
6
connected to the common of the load circuit.
This terminal is used in power-up sequencing applications to control the output voltage of Auto-Track compatible
modules, powered from the converter VOBus output. This includes the converter VOSeq output on the
PTB78560B. The converter Track control has an internal transistor, which holds the voltage close to VOCOM
Track
5
potential for approximately 20 ms (40 ms with the PTB78560C) after the VOBus output is in regulation. Following
this delay, the Track voltage and VOSeq rises simultaneously with the output voltage of all other modules
controlled by Auto-Track.
Provides the converter with a remote sense capability when used with +Sense. For optimum output voltage
–Sense
7
accuracy, this pin should always be connected to VOCOM, close to the load circuit. This terminal is also the
reference connection for both the output voltage set-point resistor and Track control.
A resistor must be connected between this terminal and -Sense to set the converter output voltage. A 0.05-W
rated resistor may be used, with tolerance and temperature stability of 1% and 100 ppm/°C, respectively. If left
VO Adjust
8
open circuit, the converter output voltage defaults to its lowest value. The specification table gives the standard
resistor values for the most common output voltages.
The +Sense pin can be connected to VOBus (or VOSeq) output. When connected to VOSeq, remote sense
compensation is delayed until the converter's power-up sequence is complete. The voltage at VOBus is also
+Sense
9
raised slightly. The +Sense input may be left open circuit, but connecting it to one of the output terminals improves
load regulation of that output.
(1) These functions indicate signals electrically common with the input.
(2) Denotes negative logic: Low (–VI) = Normal operation, Open = Output off
Terminal Locations
7


Similar Part No. - PTB78560A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB78560A TI1-PTB78560A Datasheet
653Kb / 27P
[Old version datasheet]   AUTO-TRACK??SEQUENCING
PTB78560AAH TI1-PTB78560AAH Datasheet
653Kb / 27P
[Old version datasheet]   AUTO-TRACK??SEQUENCING
PTB78560AAS TI1-PTB78560AAS Datasheet
653Kb / 27P
[Old version datasheet]   AUTO-TRACK??SEQUENCING
PTB78560AAZ TI1-PTB78560AAZ Datasheet
653Kb / 27P
[Old version datasheet]   AUTO-TRACK??SEQUENCING
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
More results

Similar Description - PTB78560A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB48560A TI-PTB48560A Datasheet
798Kb / 28P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
PTB48520W TI1-PTB48520W Datasheet
433Kb / 18P
[Old version datasheet]   25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PTB78560A TI1-PTB78560A_16 Datasheet
653Kb / 27P
[Old version datasheet]   AUTO-TRACK??SEQUENCING
logo
Bel Fuse Inc.
0RHB-C5T BEL-0RHB-C5T Datasheet
255Kb / 6P
   ISOLATED DC/DC CONVERTERS 48 V Input 3.3 V/50 A, 5.0 V/30 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com