Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1504 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJW1504
Description  PLL Synthesizer with IC Bus for TV Tuner
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1504 Datasheet(HTML) 4 Page - New Japan Radio

  NJW1504 Datasheet HTML 1Page - New Japan Radio NJW1504 Datasheet HTML 2Page - New Japan Radio NJW1504 Datasheet HTML 3Page - New Japan Radio NJW1504 Datasheet HTML 4Page - New Japan Radio NJW1504 Datasheet HTML 5Page - New Japan Radio NJW1504 Datasheet HTML 6Page - New Japan Radio NJW1504 Datasheet HTML 7Page - New Japan Radio NJW1504 Datasheet HTML 8Page - New Japan Radio NJW1504 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NJW1504/1508
- 4 -
n TEST CIRCUIT
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
4MHz
5V
100
34V
VS3
5V
2mV
1kHz
VS2
2.5V
VS1
4.7V or 0.3V
COUNTER
5V
50
SG
-20dBm
1n
18p
OSC OUT
SCL
SDA
270
316k


Similar Part No. - NJW1504

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1503A NJRC-NJW1503A Datasheet
110Kb / 9P
   PLL Synthesizer with 3-Wire Bus for TV Tuner
NJW1503AV NJRC-NJW1503AV Datasheet
110Kb / 9P
   PLL Synthesizer with 3-Wire Bus for TV Tuner
More results

Similar Description - NJW1504

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1503A NJRC-NJW1503A Datasheet
110Kb / 9P
   PLL Synthesizer with 3-Wire Bus for TV Tuner
logo
TEMIC Semiconductors
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6239B TEMIC-U6239B Datasheet
262Kb / 15P
   2.9 GHz PLL for SAT TV Tuner with UNi-Bus
U6359B TEMIC-U6359B Datasheet
89Kb / 6P
   Frequency Synthesizer for TV Tuner
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
Sony Corporation
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com