Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1504 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW1504
Description  PLL Synthesizer with IC Bus for TV Tuner
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1504 Datasheet(HTML) 3 Page - New Japan Radio

  NJW1504 Datasheet HTML 1Page - New Japan Radio NJW1504 Datasheet HTML 2Page - New Japan Radio NJW1504 Datasheet HTML 3Page - New Japan Radio NJW1504 Datasheet HTML 4Page - New Japan Radio NJW1504 Datasheet HTML 5Page - New Japan Radio NJW1504 Datasheet HTML 6Page - New Japan Radio NJW1504 Datasheet HTML 7Page - New Japan Radio NJW1504 Datasheet HTML 8Page - New Japan Radio NJW1504 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NJW1504/1508
- 3 -
n ELECTRICAL CHARACTERISTICS
(Vcc1,3=5V,Vcc2=34V,TA=25
°C)
Parameter
Condition
Symbol
Min.
Typ.
Max.
Unit
Operating Current 1
fHF=100MHz
ICC
12
15
21
mA
Operating Current 2
AMPOUT: Low Level
ICC2
-
1.6
-
mA
AMP Input Current
Phase OUT: High Imp (2.5V)
IIN
(-50)
0.1
(50)
nA
AMP Output Current
ANP OUT: Low Level
AMPOUT Input=5V
IOUT
-
-
-2
mA
AMP Gain
f=1KHz
AV
40
50
60
dB
Phase Comparator
Output Current
Current Source
Isourse
190
280
400
uA
Phase Comparator
Output Current
Current Sink
Isink
-400
-280
-190
uA
Band Switch
“L” Output Current
BS0=BS1=0.3V
IOBS0-1L
-2.0
-1
0
mA
“H” Output Current
BS0=BS1=4.7V
IOBS0-1H
11.0
15.0
-
mA
“L” Output Current
BS2=BS3=0.3V
IOBS2-3L
-2.0
-1.0
0
mA
“H” Output Current
BS2=BS3=4.7V
IOBS2-3H
5.5
7.5
-
mA
I
2C bus
“H” Input Current
SCL, SDA Terminal
IINH
-5
0
5
uA
“L” Input Current
SCL, SDA Terminal
IINL
-5
0
5
uA
“H” Input Voltage Range
SCL, SDA Terminal
VIH
3.5
-
5.3
V
“L” Input Voltage Range
SCL, SDA Terminal
VIL
0
-
1.5
V
ACK Sink Current
ACK Output, SDA=0.4V
VACK
3
-
-
mA


Similar Part No. - NJW1504

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1503A NJRC-NJW1503A Datasheet
110Kb / 9P
   PLL Synthesizer with 3-Wire Bus for TV Tuner
NJW1503AV NJRC-NJW1503AV Datasheet
110Kb / 9P
   PLL Synthesizer with 3-Wire Bus for TV Tuner
More results

Similar Description - NJW1504

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1503A NJRC-NJW1503A Datasheet
110Kb / 9P
   PLL Synthesizer with 3-Wire Bus for TV Tuner
logo
TEMIC Semiconductors
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
   1.3 GHz PLL with I2C Bus for TV Tuner
U6239B TEMIC-U6239B Datasheet
262Kb / 15P
   2.9 GHz PLL for SAT TV Tuner with UNi-Bus
U6359B TEMIC-U6359B Datasheet
89Kb / 6P
   Frequency Synthesizer for TV Tuner
logo
Toshiba Semiconductor
TA1384FNG TOSHIBA-TA1384FNG Datasheet
302Kb / 22P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
TA1395FNG TOSHIBA-TA1395FNG Datasheet
279Kb / 24P
   Mixer/Oscillator and PLL IC for TV/VCR Tuner
logo
Sony Corporation
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com